Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC2330 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

KSC2330 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # KSC2330
Download  KSC2330 Download
File Size   122.2 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

KSC2330 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC2330 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # KSC2330
Download  KSC2330 Click to download

File Size   122.2 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

KSC2330 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


KSC2330 Product details

FEATURE
   Power dissipation
     PCM: 1 W (Tamb=25℃)
   Collector current
     ICM: 0.1 A
   Collector-base voltage
     V(BR)CBO: 300 V
   Operating and storage junction temperature range
     TJ, Tstg: -55℃ to +150℃




Similar Part No. - KSC2330

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2330 SAMSUNG-KSC2330 Datasheet
66Kb / 2P
NPN (COLOR TV CHROMA OUTPUT)
logo
Fairchild Semiconductor
KSC2330 FAIRCHILD-KSC2330 Datasheet
37Kb / 4P
Color TV Chroma Output
logo
Foshan Blue Rocket Elec...
KSC2330 FOSHAN-KSC2330 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
logo
Jiangsu Changjiang Elec...
KSC2330 JIANGSU-KSC2330 Datasheet
1Mb / 3P
T O-92MOD Plastic-Encapsulate Transistors
logo
TY Semiconductor Co., L...
KSC2330 TYSEMI-KSC2330 Datasheet
405Kb / 1P
TO-92L Plastic-Encapsulate Transistors
More results


Similar Description - KSC2330

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com