Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV104-12 Datasheet (PDF) - Alpha Industries

AV104-12 Datasheet PDF - Alpha Industries
Part # AV104-12
Download  AV104-12 Download
File Size   29.59 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz

AV104-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV104-12 Datasheet PDF - Alpha Industries

Part # AV104-12
Download  AV104-12 Click to download

File Size   29.59 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz

AV104-12 Datasheet (HTML) - Alpha Industries


AV104-12 Product details

Description
The AV104-12 GaAs IC FET voltage variable attenuator provides 25 dB attenuation range at 900 MHz controlled by a single positive voltage.The VVA has a linear transfer curve of 5 dB/V slope, with input and output VSWR better than 1.4:1 over all states. Its attenuation range at 1900 MHz is 22 dB. It operates with supply voltage of +5 V and control voltage of 0 V to +5 V in a low cost SOIC-8 package. The RF ports require 25 pF DC blocking capacitors.

Features
■ Single Positive +5 V Control Voltage
■ 25 dB Attenuation Range @ 0.9 GHz
■ High IP3 (20 dBm @ 0.9 GHz)
■ Excellent Linearity Performance




Similar Part No. - AV104-12

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV104T L-COM-AV104T Datasheet
427Kb / 2P
ADDERLink AV100 Series
AV104T L-COM-AV104T Datasheet
427Kb / 2P
ADDERLink AV100 Series
AV104T L-COM-AV104T Datasheet
427Kb / 2P
ADDERLink AV100 Series
AV104T L-COM-AV104T Datasheet
427Kb / 2P
ADDERLink AV100 Series
AV104TUS L-COM-AV104TUS Datasheet
427Kb / 2P
ADDERLink AV100 Series
More results


Similar Description - AV104-12

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AT002S3-11 ALPHA-AT002S3-11 Datasheet
32Kb / 2P
GaAs 35 dB IC Voltage Variable Single Control Attenuator 0.4-2.5 GHz
AV103-12 ALPHA-AV103-12 Datasheet
50Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV105-12 ALPHA-AV105-12 Datasheet
31Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV106-12 ALPHA-AV106-12 Datasheet
32Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV107-59 ALPHA-AV107-59 Datasheet
36Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV110-73 ALPHA-AV110-73 Datasheet
36Kb / 2P
GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
logo
Skyworks Solutions Inc.
AV110-73 SKYWORKS-AV110-73_07 Datasheet
81Kb / 4P
GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AV103-12 SKYWORKS-AV103-12 Datasheet
134Kb / 4P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com