Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD01-92 Datasheet (PDF) - Alpha Industries

DD01-92 Datasheet PDF - Alpha Industries
Part # DD01-92
Download  DD01-92 Download
File Size   46.4 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Directional Detector

DD01-92 Datasheet (PDF)

Go To PDF Page Download Datasheet
DD01-92 Datasheet PDF - Alpha Industries

Part # DD01-92
Download  DD01-92 Click to download

File Size   46.4 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Directional Detector

DD01-92 Datasheet (HTML) - Alpha Industries


DD01-92 Product details

Description
The DD01-92 directional detector is an integrated directional coupler, Schottky diode combination designed for handset power monitor applications specified from 800 MHz to 2 GHz. It is packaged in the small footprint, SC-88 (6 lead SC-70) package. The DD01-92 incorporates a directional coupler and two GaAs Schottky diodes on a monolithic GaAs chip. By applying forward DC bias to both Schottky diodes, the DD01-92 may be conveniently temperature compensated. The DD01-92 is characterized from 650 MHz to 2.5 GHz and generates a detected signal at 1.8 GHz of approximately 200 mV at 10 mW input power. Each Schottky diode is forward biased to approximately 5 µA by applying 1 V through 100 kΩ resistors as shown in the test circuit.

Features
■ Frequency Coverage: 650 MHz to 2.5 GHz
■ Small Outline SC-88 (6 Lead SC-70) Package
■ Built-in Temperature Compensating Diode
■ Low Cost for High Volume Handset Applications
■ Tape and Reel Availability




Similar Part No. - DD01-92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DD0151-05 ETC-DD0151-05 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
DD0151-12 ETC-DD0151-12 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
DD0151-15 ETC-DD0151-15 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
DD0151-24 ETC-DD0151-24 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Delta Electronics, Inc.
DD01D0303A DELTA-DD01D0303A Datasheet
209Kb / 4P
3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Similar Description - DD01-92

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999 Datasheet
81Kb / 6P
Directional Detector
DD02-92 SKYWORKS-DD02-92 Datasheet
81Kb / 6P
Directional Detector
DD02-999 SKYWORKS-DD02-999_06 Datasheet
525Kb / 6P
650 MHz-3 GHz Directional Detector
logo
M/A-COM Technology Solu...
MACP-010561 MA-COM-MACP-010561 Datasheet
573Kb / 7P
Temperature Compensated Directional RMS Power Detector
MACP-010562 MA-COM-MACP-010562 Datasheet
238Kb / 5P
Temperature Compensated Directional RMS Power Detector
MACP-010563 MA-COM-MACP-010563 Datasheet
329Kb / 5P
Temperature Compensated Directional RMS Power Detector
MACP-010561 MA-COM-MACP-010561_15 Datasheet
573Kb / 7P
Temperature Compensated Directional RMS Power Detector
MACP-010562 MA-COM-MACP-010562_15 Datasheet
238Kb / 5P
Temperature Compensated Directional RMS Power Detector
MACP-010563 MA-COM-MACP-010563_15 Datasheet
329Kb / 5P
Temperature Compensated Directional RMS Power Detector
logo
Broadcom Corporation.
DEMO-VMMK3313-24 BOARDCOM-DEMO-VMMK3313-24 Datasheet
645Kb / 8P
15 - 33 GHz Directional Detector in SMT Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com