Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD668 Datasheet (PDF) - Analog Devices

AD668 Datasheet PDF - Analog Devices
Part # AD668
Download  AD668 Download
File Size   221.79 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Ultrahigh Speed Multiplying D/A Converter

AD668 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD668 Datasheet PDF - Analog Devices

Part # AD668
Download  AD668 Click to download

File Size   221.79 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Ultrahigh Speed Multiplying D/A Converter

AD668 Datasheet (HTML) - Analog Devices


AD668 Product details

PRODUCT DESCRIPTION
The AD668 is an ultrahigh speed, 12-bit, multiplying digital-toanalog converter, providing outstanding accuracy and speed performance in responding to both analog and digital inputs. The AD668 provides a level of performance and functionality in a monolithic device that exceeds that of many contemporary hybrid devices.

FEATURES
    Ultrahigh Speed: Current Settling to 1 LSB in 90 ns for a Full-Scale Change in Digital Input. Voltage Settling to 1 LSB in 120 ns for a Full-Scale Change in Analog Input
    15 MHz Reference Bandwidth
    Monotonicity Guaranteed over Temperature
    10.24 mA Current Output or 1.024 V Voltage Output
    Integral and Differential Linearity Guaranteed over Temperature
    0.3" “Skinny DIP” Packaging
    MIL-STD-883 Compliant Versions Available




Similar Part No. - AD668

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6684-500EBZ AD-AD6684-500EBZ Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6684BCPZ-500 AD-AD6684BCPZ-500 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6684BCPZRL7-500 AD-AD6684BCPZRL7-500 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
More results


Similar Description - AD668

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
12-Bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
AD568 AD-AD568_17 Datasheet
575Kb / 15P
12-Bit Ultrahigh Speed Monolithic D/A Converter
27-Sep-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com