Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7666 Datasheet (PDF) - Analog Devices

AD7666 Datasheet PDF - Analog Devices
Part # AD7666
Download  AD7666 Download
File Size   810.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC

AD7666 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7666 Datasheet PDF - Analog Devices

Part # AD7666
Download  AD7666 Click to download

File Size   810.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC

AD7666 Datasheet (HTML) - Analog Devices


AD7666 Product details

GENERAL DESCRIPTION
The AD7622 is a 16-bit, 2 MSPS, charge redistribution SAR, fully differential, analog-to-digital converter (ADC) that operates from a single 2.5 V power supply. The part contains a high speed, 16-bit sampling ADC, an internal conversion clock, an internal reference (and buffer), error correction circuits, and both serial and parallel system interface ports. It features two very high sampling rate modes (wideband warp and warp) and a fast mode (normal) for asynchronous rate applications. The AD7622 is hardware factory calibrated and tested to ensure ac parameters, such as signal-to-noise ratio (SNR), in addition to the more traditional dc parameters of gain, offset, and linearity. The AD7622 is available in Pb-free only packages with operation specified from −40°C to +85°C.

FEATURES
   Throughput
      2 MSPS (wideband warp and warp mode)
      1.5 MSPS (normal mode)
   INL: ±0.5 LSB typical, ±1.5 LSB maximum (±23 ppm of FSR)
   16-bit resolution with no missing codes
   Dynamic range: 92.5 dB typical
   SINAD: 91 dB minimum @ 20 kHz (VREF = 2.5 V)
   THD: −115 dB typical @ 20 kHz (VREF = 2.5 V)
   2.048 V internal reference: typical drift 8 ppm/°C; TEMP output
   Differential input range: ±VREF (VREF up to 2.5 V)
   No pipeline delay (SAR architecture)
   Parallel (16-, or 8-bit bus) and serial 5 V/3.3 V/2.5 V interface
   SPI®/QSPI™/MICROWIRE™/DSP compatible
   Single 2.5 V supply operation
   Power dissipation
      70 mW typical @ 2 MSPS with internal REF
      2 μW in power-down mode
   Pb-free, 48-lead LQFP and 48-lead LFCSP
   Pin compatible with other PulSAR 48-lead ADCs

APPLICATIONS
   Medical instruments
   High speed data acquisition/high dynamic data acquisition
   Digital signal processing
   Spectrum analysis
   Instrumentation
   Communications
   ATE




Similar Part No. - AD7666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7666 AD-AD7666 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7666 AD-AD7666 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7666 AD-AD7666 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7666 AD-AD7666 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7666 AD-AD7666 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Similar Description - AD7666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7621 AD-AD7621 Datasheet
619Kb / 32P
16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
REV. 0
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7621 AD-AD7621_15 Datasheet
619Kb / 32P
16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7622 AD-AD7622 Datasheet
589Kb / 29P
1.5 LSB INL, 2 MSPS PulSAR ADC
14-Apr-2017
AD7621 AD-AD7621_17 Datasheet
468Kb / 33P
16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
09-Jun-2017
AD7687 AD-AD7687 Datasheet
616Kb / 27P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
12/15-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com