Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GE820K Datasheet (PDF) - Mallory performance club

GE820K Datasheet PDF - Mallory performance club
Part # GE820K
Download  GE820K Download
File Size   469.39 Kbytes
Page   3 Pages
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club
Description General Purpose Disc Ceramic Capacitors

GE820K Datasheet (PDF)

Go To PDF Page Download Datasheet
GE820K Datasheet PDF - Mallory performance club

Part # GE820K
Download  GE820K Click to download

File Size   469.39 Kbytes
Page   3 Pages
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club
Description General Purpose Disc Ceramic Capacitors

GE820K Datasheet (HTML) - Mallory performance club


GE820K Product details

General Purpose Disc Ceramic Capacitors

■ General Purpose
■ Ideal For Use in Non-critical Coupling, Bypass and Filter Applications
■ Conformally Coated
■ Radial Leads

GENERAL SPECIFICATIONS
   Temperature Range: -30°C to +85°C
   Voltage Range: 50, 100, 500, 1,000, 2,000, 3,000 WVDC
   Capacitance Range: 1 pF to 100,000 pF
   Lead Length: 1 inch minimum
   Insulation Resistance: 10,000 megohms (min)
   Power Factor @ 1kHz: 2.5% Max (Y5V: 5%)
   Breakdown Voltage: 2.5 x rated (5 seconds Max)




Similar Part No. - GE820K

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GE820K MALLORY-GE820K Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results


Similar Description - GE820K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102GCR050M ILLINOISCAPACITOR-102GCR050M Datasheet
24Kb / 1P
85C General Purpose Ceramic Disc Capacitors
logo
Vishay Siliconix
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
07-Feb-13
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
07-Jan-10
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
Disc Ceramic Capacitors General Specifications - Class II General Purpose
logo
Vishay Siliconix
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
12-Sep-13
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
07-Jan-10
562R VISHAY-562R Datasheet
96Kb / 5P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
23-Jul-2021
logo
Murata Manufacturing Co...
DE2E3KY472MA3BM02 MURATA1-DE2E3KY472MA3BM02 Datasheet
331Kb / 22P
Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2E3KY472MA3BM02F MURATA1-DE2E3KY472MA3BM02F Datasheet
446Kb / 23P
Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com