Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB154G Datasheet (PDF) - America Semiconductor, LLC

DB154G Datasheet PDF - America Semiconductor, LLC
Part # DB154G
Download  DB154G Download
File Size   406.25 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

DB154G Datasheet (PDF)

Go To PDF Page Download Datasheet
DB154G Datasheet PDF - America Semiconductor, LLC

Part # DB154G
Download  DB154G Click to download

File Size   406.25 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

DB154G Datasheet (HTML) - America Semiconductor, LLC


DB154G Product details

Features
• Types up to 1000V VRRM
• Ideal for printed circuit board
• High surge current capability
• High temperature soldering guaranteed: 250°C / 10 seconds
• Small size, simple installation




Similar Part No. - DB154G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB154G TSC-DB154G Datasheet
98Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
TAITRON Components Inco...
DB154G TAITRON-DB154G Datasheet
184Kb / 4P
1.5A Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
DB154G LUGUANG-DB154G Datasheet
217Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
GeneSiC Semiconductor, ...
DB154G GENESIC-DB154G Datasheet
325Kb / 3P
Silicon Bridge Rectifier
DB154G GENESIC-DB154G Datasheet
329Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Similar Description - DB154G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com