Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150K60A Datasheet (PDF) - America Semiconductor, LLC

150K60A Datasheet PDF - America Semiconductor, LLC
Part # 150K60A
Download  150K60A Download
File Size   436.12 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description DO8 STUD DEVICES STANDARD RECTIFIER

150K60A Datasheet (PDF)

Go To PDF Page Download Datasheet
150K60A Datasheet PDF - America Semiconductor, LLC

Part # 150K60A
Download  150K60A Click to download

File Size   436.12 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description DO8 STUD DEVICES STANDARD RECTIFIER

150K60A Datasheet (HTML) - America Semiconductor, LLC


150K60A Product details

Features
• High Surge Capability
• Types up to 1000 V VRRM




Similar Part No. - 150K60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150K60A VISHAY-150K60A Datasheet
166Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150K60A VISHAY-150K60A Datasheet
198Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
logo
New Jersey Semi-Conduct...
150K60A NJSEMI-150K60A Datasheet
61Kb / 1P
Rectifiers Standard Recovery
logo
GeneSiC Semiconductor, ...
150K60A GENESIC-150K60A Datasheet
719Kb / 3P
Silicon Standard Recovery Diode
logo
New Jersey Semi-Conduct...
150K60A NJSEMI-150K60A Datasheet
149Kb / 1P
20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
More results


Similar Description - 150K60A

ManufacturerPart #DatasheetDescription
logo
Semikron International
C3/120 SEMIKRON-C3/120 Datasheet
257Kb / 3P
For stud devices
K5-M8 SEMIKRON-K5-M8 Datasheet
338Kb / 3P
Heatsink For stud devices
P4/200-M16X1.5 SEMIKRON-P4/200-M16X1.5 Datasheet
711Kb / 3P
For stud devices
P30 SEMIKRON-P30 Datasheet
127Kb / 3P
For stud devices
P31 SEMIKRON-P31 Datasheet
141Kb / 3P
For stud devices
C3-120 SEMIKRON-C3-120 Datasheet
263Kb / 3P
For stud devices
P31 SEMIKRON-P31 Datasheet
147Kb / 3P
For stud devices
logo
America Semiconductor, ...
1N1199A AMERICASEMI-1N1199A Datasheet
419Kb / 2P
DO4 STUD DEVICES STANDARD RECTIFIER
logo
NTE Electronics
NTE6157 NTE-NTE6157 Datasheet
65Kb / 2P
Silicon Industrial Rectifier 150 Amp, DO8
logo
Thinki Semiconductor Co...
GB488U THINKISEMI-GB488U Datasheet
1Mb / 4P
300A Stud Type Device Series-Standard Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com