Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62170 Datasheet (PDF) - Monolithic Power Systems

MP62170 Datasheet PDF - Monolithic Power Systems
Part # MP62170
Download  MP62170 Download
File Size   366.76 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch

MP62170 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP62170 Datasheet PDF - Monolithic Power Systems

Part # MP62170
Download  MP62170 Click to download

File Size   366.76 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch

MP62170 Datasheet (HTML) - Monolithic Power Systems


MP62170 Product details

DESCRIPTION
The MP62170/MP62171 Power Distribution Switch features internal current limiting to prevent damage to host devices due to faulty load conditions. The MP62170/MP62171 analog switch has 75mΩ on-resistance and operates from 2.7V to 5.5V input. It is available with guaranteed current limits, making it ideal for load switching applications. The MP62170/MP62171 has built-in protection for both over current and increased thermal stress. For over current, the device will limit the current by changing to a constant current mode.

FEATURES
• 1.5A Continuous Current
• Accurate Current Limit
• 2.7V to 5.5V Supply Range
• 90uA Quiescent Current
• 75mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• Active High & Active Low Options
• SOIC8 & MSOP8 Packages

APPLICATIONS
• Smartphone and PDA
• Portable GPS Device
• Notebook PC
• Set-top-box
• Telecom and Network Systems
• PC Card Hot Swap
• USB Power Distribution




Similar Part No. - MP62170

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62170-3 MPS-MP62170-3 Datasheet
384Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170EK-1 MPS-MP62170EK-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62170EK-3 MPS-MP62170EK-3 Datasheet
384Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170ES-1 MPS-MP62170ES-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
More results


Similar Description - MP62170

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62170-3 MPS-MP62170-3 Datasheet
384Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com