Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4470AGL Datasheet (PDF) - Monolithic Power Systems

MPQ4470AGL Datasheet PDF - Monolithic Power Systems
Part # MPQ4470AGL
Download  MPQ4470AGL Download
File Size   805.97 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified

MPQ4470AGL Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ4470AGL Datasheet PDF - Monolithic Power Systems

Part # MPQ4470AGL
Download  MPQ4470AGL Click to download

File Size   805.97 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified

MPQ4470AGL Datasheet (HTML) - Monolithic Power Systems


MPQ4470AGL Product details

DESCRIPTION

The MPQ4470/4470A is a fully-integrated, high frequency, synchronous, rectified, step-down, switch-mode converter. It offers a very compact solution to achieve a 5A, continuous-output

current over a wide input-supply range with excellent load and line regulation. It also provides fast transient response and good stability for wide input-supply and load range. The MPQ4470/4470A operates at high efficiency over a wide output current load range.



FEATURES

• Wide 4.5V-to-36V Operating Input Range

• Guaranteed 5A, Continuous Output Current

•Internal 40mΩHigh-Side, 20mΩ Low-Side Power MOSFETs

•Proprietary Switching-Loss-Reduction Technology

• 1% Reference Voltage

• Programmable Soft-Start Time

• Low Drop-out Mode

• 200kHz-to-1MHz Switching Frequency

• SCP, OCP, OVP Latch (MPQ4470 only), UVP, and Thermal Shutdown

• Output Adjustable from 0.8V to 0.9×VIN

• Available in a 3mm×4mm 20-pin QFN Package

• Available in AEC-Q100 Grade 1




Similar Part No. - MPQ4470AGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4470AGL MPS-MPQ4470AGL Datasheet
522Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results


Similar Description - MPQ4470AGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MPQ4415M MPS-MPQ4415M Datasheet
1Mb / 22P
1.5A, 36V, 2.2MHz, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420 MPS-MPQ4420 Datasheet
749Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com