Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU1004 Datasheet (PDF) - America Semiconductor, LLC

KBU1004 Datasheet PDF - America Semiconductor, LLC
Part # KBU1004
Download  KBU1004 Download
File Size   603.55 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

KBU1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU1004 Datasheet PDF - America Semiconductor, LLC

Part # KBU1004
Download  KBU1004 Click to download

File Size   603.55 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

KBU1004 Datasheet (HTML) - America Semiconductor, LLC


KBU1004 Product details

Features
• Types up to 1000 V VRRM
• Ideal for printed circuit boards
• High forward surge current capability
• High temperature soldering guaranteed: 250°C/ 10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3 kg) tension
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0




Similar Part No. - KBU1004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU1004 WTE-KBU1004 Datasheet
42Kb / 3P
10A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU1004 JGD-KBU1004 Datasheet
134Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU1004 FUJI-KBU1004 Datasheet
791Kb / 1P
10 AMP SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU1004 WTE-KBU1004 Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU1004 TSC-KBU1004 Datasheet
55Kb / 2P
Single Phase 10 AMPS. Silicon Bridge Rectifiers
More results


Similar Description - KBU1004

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com