Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9662 Datasheet (PDF) - Analog Devices

AD9662 Datasheet PDF - Analog Devices
Part # AD9662
Download  AD9662 Download
File Size   265.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Laser Diode Driver with Oscillator

AD9662 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9662 Datasheet PDF - Analog Devices

Part # AD9662
Download  AD9662 Click to download

File Size   265.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Laser Diode Driver with Oscillator

AD9662 Datasheet (HTML) - Analog Devices


AD9662 Product details

GENERAL DESCRIPTION
The AD9662 is a laser diode driver for high performance CD and DVD recordable drives. It includes three channels for three different optical power levels: the read channel generates a continuous output power level, whereas Channel 2 and Channel 3 are used as write channels having 0.8 ns rise/fall times. All channel currents are summed at the IOUT pin. Each channel’s output current is established by multiplying the channel’s gain by the channel’s input current. The input current for each of the input channels—INR, IN2, and IN3—can be set either by using an external resistor that converts an input voltage to a current or by directly using a current source.

FEATURES
   Current-controlled current source
      with 3 input channels
   Output current for Channel 3—315 mA
   Output current for other channels—210 mA
   Rise time/fall time of 0.8 ns
   On-chip oscillator
   Single 5 V power supply (±10%)
   Low output overshoot
   Low power consumption

APPLICATIONS
   CD-RW drives
   DVD-RW, DVD+RW, MO drives
   Laser diode current switching




Similar Part No. - AD9662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
3-Channel Laser Diode Driver with Oscillator
AD9662 AD-AD9662 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ-REEL1 AD-AD9662ARQZ-REEL1 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ-REEL71 AD-AD9662ARQZ-REEL71 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
More results


Similar Description - AD9662

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
3-Channel Laser Diode Driver Oscillator
EL6277C ELANTEC-EL6277C Datasheet
40Kb / 2P
3-Channel Laser Diode Driver Oscillator
logo
ATMEL Corporation
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
3-Channel Laser Diode Driver with Oscillator
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6215 INTERSIL-EL6215 Datasheet
94Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6216 INTERSIL-EL6216 Datasheet
22Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 16, 2004
EL6224 INTERSIL-EL6224 Datasheet
119Kb / 2P
3-Channel Laser Diode Driver w/ Oscillator
June 16, 2004
logo
Analog Devices
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com