Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4451 Datasheet (PDF) - Microchip Technology

TC4451 Datasheet PDF - Microchip Technology
Part # TC4451
Download  TC4451 Download
File Size   728.73 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12A High-Speed MOSFET Drivers

TC4451 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4451 Datasheet PDF - Microchip Technology

Part # TC4451
Download  TC4451 Click to download

File Size   728.73 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12A High-Speed MOSFET Drivers

TC4451 Datasheet (HTML) - Microchip Technology


TC4451 Product details

General Description
The TC4451/TC4452 are single-output MOSFET drivers. These devices are high-current buffer/drivers capable of driving large MOSFETs and Insulated Gate Bipolar Transistors (IGBTs). The TC4451/TC4452 have matched output rise and fall times, as well as matched leading and falling-edge propagation delay times. The TC4451/TC4452 devices also have very low cross conduction current, reducing the overall power dissipation of the device.

Features
High Peak Output Current: 13A (typ.)
Low Shoot-Through/Cross-Conduction Current in Output Stage
Wide Input Supply Voltage Operating Range: - 4.5V to 18V
High Continuous Output Current: 2.6A (max.)
Matched Fast Rise and Fall Times:
- 21 ns with 10,000 pF Load
- 42 ns with 22,000 pF Load
Matched Short Propagation Delays: 44 ns (typ.)
Low Supply Current:
- With Logic ë1í Input ñ 140 μA (typ.)
- With Logic ë0í Input ñ 40 μA (typ.)
Low Output Impedance: 0.9Ω (typ.)
Latch-Up Protected: Will Withstand 1.5A Output Reverse Current
Input Will Withstand Negative Inputs Up To 5V
Pin-Compatible with the TC4420/TC4429, TC4421/TC4422 and TC4421A/TC4422A MOSFET Drivers
Space-Saving, Thermally-Enhanced, 8-Pin DFN Package

Applications
Line Drivers for Extra Heavily-Loaded Lines
Pulse Generators
Driving the Largest MOSFETs and IGBTs
Local Power ON/OFF Switch
Motor and Solenoid Driver
LF Initiator




Similar Part No. - TC4451

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4451 MICROCHIP-TC4451 Datasheet
799Kb / 22P
12A High-Speed MOSFET Drivers
2006
TC4451 MICROCHIP-TC4451 Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4451 MICROCHIP-TC4451 Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4451 MICROCHIP-TC4451 Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4451/TC4452 MICROCHIP-TC4451/TC4452 Datasheet
801Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
More results


Similar Description - TC4451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC4451 MICROCHIP-TC4451 Datasheet
799Kb / 22P
12A High-Speed MOSFET Drivers
2006
TC4452VOA MICROCHIP-TC4452VOA Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452VAT MICROCHIP-TC4452VAT Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA MICROCHIP-TC4452VOA Datasheet
801Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452VMF MICROCHIP-TC4452VMF Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com