Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7811 Datasheet (PDF) - Analog Devices

AD7811 Datasheet PDF - Analog Devices
Part # AD7811
Download  AD7811 Download
File Size   198.13 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs

AD7811 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7811 Datasheet PDF - Analog Devices

Part # AD7811
Download  AD7811 Click to download

File Size   198.13 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs

AD7811 Datasheet (HTML) - Analog Devices


AD7811 Product details

GENERAL DESCRIPTION
The AD7811 and AD7812 are high speed, low power, 10-bit A/D converters that operate from a single 2.7 V to 5.5 V supply. The devices contain a 2.3 µs successive approximation A/D converter, an on-chip track/hold amplifier, a 2.5 V on-chip reference and a high speed serial interface that is compatible with the serial interfaces of most DSPs (Digital Signal Processors) and microcontrollers. The user also has the option of using an external reference by connecting it to the VREF pin and setting the EXTREF bit in the control register. The VREF pin may be tied to VDD. At slower throughput rates the power-down mode may be used to automatically power down between conversions.

FEATURES
   10-Bit ADC with 2.3 μs Conversion Time
   The AD7811 has Four Single-Ended Inputs that
      Can Be Configured as Three Pseudo Differential
      Inputs with Respect to a Common, or as Two Inde   pendent Pseudo Differential Channels
   The AD7812 has Eight Single-Ended Inputs that Can
      Be Configured as Seven Pseudo Differential Inputs
      with Respect to a Common, or as Four Independent
      Pseudo Differential Channels
   Onboard Track and Hold
   Onboard Reference 2.5 V ±2.5%
   Operating Supply Range: 2.7 V to 5.5 V
   Specifications at 2.7 V–3.6 V and 5 V ±10%
   DSP-/Microcontroller-Compatible Serial Interface
   High Speed Sampling and Automatic Power-Down Modes
   Package Address Pin on the AD7811 and AD7812 Allows
      Sharing of the Serial Bus in Multipackage Applications
   Input Signal Range: 0 V to VREF
   Reference Input Range: 1.2 V to VDD
   Qualified for Automotive Applications




Similar Part No. - AD7811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811 AD-AD7811 Datasheet
200Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV.B
AD7811 AD-AD7811 Datasheet
198Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YN AD-AD7811YN Datasheet
200Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV.B
AD7811YN AD-AD7811YN Datasheet
198Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YN AD-AD7811YN Datasheet
211Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
More results


Similar Description - AD7811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811 AD-AD7811 Datasheet
200Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV.B
AD7813 AD-AD7813 Datasheet
185Kb / 11P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV.B
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7812YRUZ AD-AD7812YRUZ Datasheet
198Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811_15 Datasheet
333Kb / 24P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7812 AD-AD7812_15 Datasheet
333Kb / 24P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com