Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7865 Datasheet (PDF) - Analog Devices

AD7865 Datasheet PDF - Analog Devices
Part # AD7865
Download  AD7865 Download
File Size   197.75 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC

AD7865 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7865 Datasheet PDF - Analog Devices

Part # AD7865
Download  AD7865 Click to download

File Size   197.75 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC

AD7865 Datasheet (HTML) - Analog Devices


AD7865 Product details

GENERAL DESCRIPTION
The AD7865 is a fast, low power, four-channel simultaneous sampling 14-bit A/D converter that operates from a single 5 V supply. The part contains a 2.4 µs successive approximation ADC, four track/hold amplifiers, 2.5 V reference, on-chip clock oscillator, signal conditioning circuitry and a high speed parallel interface. The input signals on four channels are sampled simultaneously thus preserving the relative phase information of the signals on the four analog inputs. The part accepts analog input ranges of ±10 V, ±5 V, ±2.5 V, 0 V to 2.5 V and 0 V to 5 V.
   
FEATURES
    Fast (2.4 μs) 14-Bit ADC
    Four Simultaneously Sampled Inputs
    Four Track/Hold Amplifiers
    0.35 μs Track/Hold Acquisition Time
    2.4 μs Conversion Time per Channel
    HW/SW Select of Channel Sequence for Conversion
    Single Supply Operation
    Selection of Input Ranges: ±10 V, ±5 V and ±2.5 V,
        0 V to +5 V and 0 V to +2.5 V
    High Speed Parallel Interface Which Also Allows
        Interfacing to 3 V Processors
    Low Power, 115 mW Typ
    Power Saving Mode, 15 μW Typ
    Overvoltage Protection on Analog Inputs
   
APPLICATIONS
    AC Motor Control
    Uninterruptible Power Supplies
    Industrial Power Meters/Monitors
    Data Acquisition Systems
    Communications
   




Similar Part No. - AD7865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7865 AD-AD7865 Datasheet
195Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV.A
AD7865 AD-AD7865 Datasheet
197Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865 Datasheet
197Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865 Datasheet
242Kb / 20P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
23-Feb-2017
AD7865AS-1 AD-AD7865AS-1 Datasheet
195Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV.A
More results


Similar Description - AD7865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7865 AD-AD7865 Datasheet
195Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV.A
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BSZ-1 AD-AD7865BSZ-1 Datasheet
211Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ AD-AD7865ASZ Datasheet
197Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
197Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
211Kb / 19P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865_17 Datasheet
242Kb / 20P
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com