Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD74111YRU Datasheet (PDF) - Analog Devices

AD74111YRU Datasheet PDF - Analog Devices
Part # AD74111YRU
Download  AD74111YRU Download
File Size   214.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Mono Audio Codec

AD74111YRU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD74111YRU Datasheet PDF - Analog Devices

Part # AD74111YRU
Download  AD74111YRU Click to download

File Size   214.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Mono Audio Codec

AD74111YRU Datasheet (HTML) - Analog Devices


AD74111YRU Product details

GENERAL DESCRIPTION

The AD74111 is a front-end processor for general-purpose audio and voice applications. It features a multibit - A/D conversion channel and a multibit - D/A conversion channel. The ADC

channel provides >67 dB THD+N and the DAC channel provides >88 dB THD+N, both over an audio signal bandwidth. The AD74111 is particularly suitable for a variety of applications where mono input and output channels are required, including audio sections of digital video camcorders, portable personal audio devices, and telematic applications. Its high quality performance also makes it suitable for speech and telephony applications such as speech recognition and synthesis, and modern feature phones. An on-chip reference voltage is included but can be powered down and bypassed by an external reference source if required. The AD74111 offers sampling rates that, depending on MCLK selection and MCLK divider ratio, range from 8 kHz in the voiceband range to 48 kHz in the audio range. The AD74111 is available in a 16-lead TSSOP package option and is specified for the automotive temperature range of –40°C to +105°C.



FEATURES

2.5 V Mono Audio Codec with 3.3 V Tolerant

Digital Interface

Supports 8 kHz to 48 kHz Sample Rates

Supports 16-/20-/24-Bit Word Lengths

Multibit - Modulators with

“Perfect Differential Linearity Restoration” for

Reduced Idle Tones and Noise Floor

Data Directed Scrambling DAC – Least Sensitive to Jitter

Performance (20 Hz to 20 kHz)

85 dB ADC Dynamic Range

93 dB DAC Dynamic Range

Programmable ADC Gain

On-Chip Volume Control for DAC Channel

Software Controllable Clickless Mute

Supports 256fS, 512fS, and 768fS Master Mode

Clocks

Master Clock Prescaler for Use with DSP Master Clocks

On-Chip Reference

16-Lead TSSOP Package





APPLICATIONS

Digital Video Camcorders (DVC)

Portable Audio Devices (Walkman®, PDAs, and so on)

Audio Processing

Voice Processing

Telematic Systems

General-Purpose Analog I/O



(AVDD = 2.5 V ±5%, DVDD2 = 2.5 V ±5%, DVDD1 = 2.5 V ±5%, fMCLK= 12.288 MHz,fS= 48 kHz, TA= TMIN to TMAX, unless otherwise noted.)




Similar Part No. - AD74111YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111YRU AD-AD74111YRU Datasheet
344Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV.0
AD74111YRU AD-AD74111YRU Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Similar Description - AD74111YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV.0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
Automotive, Low-Power, 96-kHz, Mono Audio Codec
logo
Analog Devices
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
Low Cost, Low Power Mono Audio Codec
Rev. 0
logo
Suzhou Everest Semicond...
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
Low Power Mono Audio CODEC
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
High Performance and Low Power Mono Audio CODEC
logo
Suzhou Everest Semicond...
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
Low Power Mono Audio CODEC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com