Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1688 Datasheet (PDF) - Emcore Corporation

1688 Datasheet PDF - Emcore Corporation
Part # 1688
Download  1688 Download
File Size   753.13 Kbytes
Page   5 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1688 1310 nm DFB Laser Module

1688 Datasheet (PDF)

Go To PDF Page Download Datasheet
1688 Datasheet PDF - Emcore Corporation

Part # 1688
Download  1688 Click to download

File Size   753.13 Kbytes
Page   5 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1688 1310 nm DFB Laser Module

1688 Datasheet (HTML) - Emcore Corporation


1688 Product details

The 1688 1310 nm DFB laser modules are designed for both broadcast and narrowcast analog applications. The linear, OC-48 pinout compatible devices feature up to 31 mW of output power.
The 1688 module is intended for OEM 1310 nm CATV transmitter designs optimizing cost-effectiveness and performance simultaneously.

Features
■ OC-48 Pinout Compatilble
■ Negative Bias
■ Telcordia TechnologiesTM 468 Compliant
■ Cooled
■ Up to 31 mW
■ Wide Temperature Range, Stable Even in Harsh Environments
■ RoHS Compliant

Applications
■ 1310 nm Forward Path/Return Path
■ Broadcast and Narrowcast Networks
■ Long Distances
■ High Optical Splits




Similar Part No. - 1688

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1688 MOTOROLA-1688 Datasheet
500Kb / 7P
DUAL 4-5-INPUT OR/NOR GATE
logo
Heyco.
1688 HEYCO-1688 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
1688 HEYCO-1688 Datasheet
112Kb / 1P
Shorty Plugs
logo
Abbatron All Rights Res...
1688 ABBATRON-1688 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
RAF ELECTRONIC HARDWARE
1688-632-AL RAF-1688-632-AL Datasheet
109Kb / 1P
1/4 ROUND FEMALE STANDOFFS
More results


Similar Description - 1688

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
Analog 1310 nm MQW-DFB Laser Diode Module
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
1310 nm DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
1612A/B 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
1615A 1310 nm DFB Laser Module
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
1310 nm GPON DFB Laser Chip
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com