Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV102B Datasheet (PDF) - Advanced Micro Devices

AM29LV102B Datasheet PDF - Advanced Micro Devices
Part # AM29LV102B
Download  AM29LV102B Download
File Size   39.18 Kbytes
Page   7 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory

AM29LV102B Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29LV102B Datasheet PDF - Advanced Micro Devices

Part # AM29LV102B
Download  AM29LV102B Click to download

File Size   39.18 Kbytes
Page   7 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory

AM29LV102B Datasheet (HTML) - Advanced Micro Devices


AM29LV102B Product details

GENERAL DESCRIPTION
The Am29LV102B is a single power supply, 2 Mbit, 3.0 Volt-only Flash memory device organized as 262,144 bytes. The data appears on DQ0-DQ7. The device is available in 32-pin PLCC and 32-pin TSOP packages. All read, erase, and program operations are accomplished using only a single power supply. The device can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
    — Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications
    — Regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors
■ Manufactured on 0.35 µm process technology
■ High performance
    — Full voltage range: access times as fast as 70 ns
    — Regulated voltage range: access times as fast as 55 ns
■ Ultra low power consumption
    — Automatic sleep mode: 1 µA (typical values at 5 MHz)
    — Standby mode: 1 µA
    — Read mode: 7 mA
    — Program/erase mode: 15 mA
■ Flexible sector architecture
    — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and three 64 Kbyte sectors
    — Any combination of sectors can be erased; supports full chip erase
    — Sector Protection features:
        Hardware method of locking a sector to prevent any program or erase operations within that sector
        Sectors can be locked via programming equipment
■ Unlock Bypass Program Command
    — Reduces overall programming time when issuing multiple program command sequences
■ Embedded Algorithms
    — Embedded Erase algorithms automatically preprogram and erase the entire chip or any combination of designated sectors
    — Embedded Program algorithms automatically writes and verifies data at specified addresses
■ Minimum 1,000,000 write/erase cycles guaranteed
■ Package option
    — 32-pin PLCC
    — 32-pin TSOP
■ Compatibility with JEDEC standards
    — Pinout and software compatible with singlepower supply Flash
    — Superior inadvertent write protection
■ Data# Polling and toggle bits
    — Provides a software method of detecting program or erase cycle completion
■ Erase Suspend/Resume
    — Supports reading data from or programming data to a sector not being erased




Similar Part No. - AM29LV102B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV104B AMD-AM29LV104B Datasheet
39Kb / 7P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120EC AMD-AM29LV104BB-120EC Datasheet
39Kb / 7P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120ECB AMD-AM29LV104BB-120ECB Datasheet
39Kb / 7P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120EE AMD-AM29LV104BB-120EE Datasheet
39Kb / 7P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120EEB AMD-AM29LV104BB-120EEB Datasheet
39Kb / 7P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
More results


Similar Description - AM29LV102B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F002 AMD-AM29F002 Datasheet
436Kb / 37P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV020B AMD-AM29LV020B Datasheet
39Kb / 7P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV104B AMD-AM29LV104B Datasheet
39Kb / 7P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com