Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1935FRW Datasheet (PDF) - Emcore Corporation

1935FRW Datasheet PDF - Emcore Corporation
Part # 1935FRW
Download  1935FRW Download
File Size   504.8 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1935 F/R/W Coaxial DFB Laser Diode

1935FRW Datasheet (PDF)

Go To PDF Page Download Datasheet
1935FRW Datasheet PDF - Emcore Corporation

Part # 1935FRW
Download  1935FRW Click to download

File Size   504.8 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1935 F/R/W Coaxial DFB Laser Diode

1935FRW Datasheet (HTML) - Emcore Corporation


1935FRW Product details

1935 F/R/W Coaxial DFB Laser Diode
O-Band CWDM 5 MHz – 4000 MHz

EMCORE’s Model 1935 DFB lasers offer a low cost solution for linear fiber optic links. These components can be cooled with external thermo-electric coolers for high stability, or run without TEC’s to reduce power consumption. The DFB laser builds upon Ortel’s long history of high performance, leading edge designs in CATV, wireless, and high speed digital applications. The laser diode devices are packaged in a compact hermetic assembly together with monitor photodiode and isolator, for flexible integration into various transmitter configurations.

Features
■ Linear DFB Laser Design
■ Ouput Power Up to 10 dBm Available
■ Bandwidth 47 – 1002 MHz
■ RoHS Compliance
■ Optical Isolator
■ Low Power Consumption
■ Monitor Photodiode

Applications
■ Video Signal Distribution in HFC and FTTx Nodes
■ Signal Distribution in L-Band and Wireless Remoting Links
■ High Linearity, Low Power Fiber Links




Similar Part No. - 1935FRW

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1935F EMCORE-1935F Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
1935F-A-DI-A-1271-FA-03-B EMCORE-1935F-A-DI-A-1271-FA-03-B Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
1935F-A-DI-A-1271-FA-03-N EMCORE-1935F-A-DI-A-1271-FA-03-N Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
1935F-A-DI-A-1271-FA-05-B EMCORE-1935F-A-DI-A-1271-FA-05-B Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
1935F-A-DI-A-1271-FA-05-N EMCORE-1935F-A-DI-A-1271-FA-05-N Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
More results


Similar Description - 1935FRW

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
1310 nm CATV Coaxial DFB Laser Diode
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
Coaxial DFB Laser Diode
1935F EMCORE-1935F Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
1933FRW EMCORE-1933FRW Datasheet
485Kb / 6P
1933 F/R/W Coaxial DFB Laser Diode
1955FRW EMCORE-1955FRW Datasheet
505Kb / 6P
1955 F/R/W Coaxial DFB Laser Diode
logo
California Eastern Labs
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Roithner LaserTechnik G...
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com