Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7614 Datasheet (PDF) - Analog Devices

ADV7614 Datasheet PDF - Analog Devices
Part # ADV7614
Download  ADV7614 Download
File Size   330.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Deep Color with Quad HDMI Receiver

ADV7614 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7614 Datasheet PDF - Analog Devices

Part # ADV7614
Download  ADV7614 Click to download

File Size   330.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Deep Color with Quad HDMI Receiver

ADV7614 Datasheet (HTML) - Analog Devices


ADV7614 Product details

GENERAL DESCRIPTION
The ADV7614 is a high quality, single-chip integrated 4:1 multiplexed High-Definition Multimedia Interface (HDMI®) receiver.
The ADV7614 incorporates a quad input HDMI receiver that supports all HDTV formats up to 1080p and displays resolutions up to UXGA (1600 × 1200 at 60 Hz). The reception of encrypted video is possible with the inclusion of HDCP. The HDMI receiver also includes programmable/adaptive equalization that ensures robust operation of the interface with cable lengths up to 30 meters.

FEATURES
   Ultralow jitter digital PLL
   4:1 multiplexed HDMI receiver
      HDMI 1.3a support
         36-/30-/24-bit deep color support
         Flexible audio interface (DSD, DST,
         Dolby® TrueHD, DTS®-HD master audio, and DTS-HD
         high resolution audio)
      225 MHz HDMI receiver
      HDMI repeater support
      High-bandwidth digital content protection (HDCP 1.3)
      Programmable/adaptive equalizer for cable lengths up to
         30 meters
      Internal EDID RAM
      EDID with HDMI cable power support
      CEC support
      On-board audio mute controller
   General
      Highly flexible output interface
      12-/10-/8-bit 4:4:4 or 12-/10-/8-bit 4:2:2 pixel output interface
      STDI function support standard identification
      Any-to-any 3 × 3 color space conversion matrixes
      Free-run time generator
      2 programmable interrupt request output pins
      Color controls
   Low standby power

APPLICATIONS
   Advanced TVs
      AVR video receivers
      PDP HDTVs
      LCD TVs (HDTV ready)
      OLED HDTVs
   LCD/DLP front projectors
   HDMI switchers




Similar Part No. - ADV7614

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7614 AD-ADV7614 Datasheet
91Kb / 2P
12-Bit Deep Color Quad HDMI 1.3 Receiver
Rev. Sp0
More results


Similar Description - ADV7614

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
HDMI Receiver
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
HDMI Receiver
logo
Analog Devices
ADV7614 AD-ADV7614 Datasheet
91Kb / 2P
12-Bit Deep Color Quad HDMI 1.3 Receiver
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Sep-2013
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
Quad HDMI Fast Switching Receiver
Apr-2012
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com