Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV800B Datasheet (PDF) - Advanced Micro Devices

AM29LV800B Datasheet PDF - Advanced Micro Devices
Part # AM29LV800B
Download  AM29LV800B Download
File Size   569.02 Kbytes
Page   42 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory

AM29LV800B Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29LV800B Datasheet PDF - Advanced Micro Devices

Part # AM29LV800B
Download  AM29LV800B Click to download

File Size   569.02 Kbytes
Page   42 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory

AM29LV800B Datasheet (HTML) - Advanced Micro Devices


AM29LV800B Product details

GENERAL DESCRIPTION
The Am29LV800B is an 8 Mbit, 3.0 volt-only Flash memory organized as 1,048,576 bytes or 524,288 words. The device is offered in 48-ball FBGA, 44-pin SO, and 48-pin TSOP packages. The word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This device requires only a single, 3.0 volt VCC supply to perform read, program, and erase operations. A standard EPROM programmer can also be used to program and erase the device.

DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
    — Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications
    — Regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors
■ Manufactured on 0.35 µm process technology
    — Compatible with 0.5 µm Am29LV800 device
■ High performance
    — Full voltage range: access times as fast as 80 ns
    — Regulated voltage range: access times as fast as 70 ns
■ Ultra low power consumption (typical values at 5 MHz)
    — 200 nA Automatic Sleep mode current
    — 200 nA standby mode current
    — 7 mA read current
    — 15 mA program/erase current
■ Flexible sector architecture
    — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen 64 Kbyte sectors (byte mode)
    — One 8 Kword, two 4 Kword, one 16 Kword, and fifteen 32 Kword sectors (word mode)
    — Supports full chip erase
    — Sector Protection features:
    A hardware method of locking a sector to prevent any program or erase operations within that sector
    Sectors can be locked in-system or via programming equipment
    Temporary Sector Unprotect feature allows code changes in previously locked sectors
■ Unlock Bypass Program Command
    — Reduces overall programming time when issuing multiple program command sequences
■ Top or bottom boot block configurations available
■ Embedded Algorithms
    — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors
    — Embedded Program algorithm automatically writes and verifies data at specified addresses
■ Minimum 1,000,000 write cycle guarantee per sector
■ Package option
    — 48-ball FBGA
    — 48-pin TSOP
    — 44-pin SO
■ Compatibility with JEDEC standards
    — Pinout and software compatible with singlepower supply Flash
    — Superior inadvertent write protection
■ Data# Polling and toggle bits
    — Provides a software method of detecting program or erase operation completion
■ Ready/Busy# pin (RY/BY#)
    — Provides a hardware method of detecting program or erase cycle completion
■ Erase Suspend/Erase Resume
    — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation
■ Hardware reset pin (RESET#)
    — Hardware method to reset the device to reading array data




Similar Part No. - AM29LV800B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
272Kb / 12P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory- Die Revision 2
AM29LV800B AMD-AM29LV800B Datasheet
1Mb / 49P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800B-1 AMD-AM29LV800B-1 Datasheet
80Kb / 9P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800B-100 AMD-AM29LV800B-100 Datasheet
207Kb / 48P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV800B-120 AMD-AM29LV800B-120 Datasheet
207Kb / 48P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
More results


Similar Description - AM29LV800B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com