Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP02FP Datasheet (PDF) - Analog Devices

AMP02FP Datasheet PDF - Analog Devices
Part # AMP02FP
Download  AMP02FP Download
File Size   172.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Instrumentation Amplifier

AMP02FP Datasheet (PDF)

Go To PDF Page Download Datasheet
AMP02FP Datasheet PDF - Analog Devices

Part # AMP02FP
Download  AMP02FP Click to download

File Size   172.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Instrumentation Amplifier

AMP02FP Datasheet (HTML) - Analog Devices


AMP02FP Product details

GENERAL DESCRIPTION
The AMP02 is the first precision instrumentation amplifier available in an 8-lead package. Gain of the AMP02 is set by a single external resistor and can range from 1 to 10,000. No gain set resistor is required for unity gain. The AMP02 includes an input protection network that allows the inputs to be taken 60 V beyond either supply rail without damaging the device.

FEATURES
    Low Offset Voltage: 100 μV max
    Low Drift: 2 μV/°C max
    Wide Gain Range: 1 to 10,000
    High Common-Mode Rejection: 115 dB min
    High Bandwidth (G = 1000): 200 kHz typ
    Gain Equation Accuracy: 0.5% max
    Single Resistor Gain Set
    Input Overvoltage Protection
    Low Cost
    Available in Die Form

APPLICATIONS
    Differential Amplifier
    Strain Gage Amplifier
    Thermocouple Amplifier
    RTD Amplifier
    Programmable Gain Instrumentation Amplifier
    Medical Instrumentation
    Data Acquisition Systems




Similar Part No. - AMP02FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02FP AD-AMP02FP Datasheet
266Kb / 12P
High Accuracy 8-Pin Instrumentation Amplifier
REV.D
AMP02FP AD-AMP02FP Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
More results


Similar Description - AMP02FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD522 AD-AD522 Datasheet
292Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
High Accuracy 8-Pin Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
High Accuracy INSTRUMENTATION AMPLIFIER
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
REV.A
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
High Accuracy Instrumentation Amplifier
Rev. E
AD522 AD-AD522_17 Datasheet
483Kb / 5P
High Accuracy Data Acquisition Instrumentation Amplifier
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com