Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C4096 Datasheet (PDF) - Advanced Micro Devices

27C4096 Datasheet PDF - Advanced Micro Devices
Part # 27C4096
Download  27C4096 Download
File Size   165.57 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 4 Megabit (256 K x 16-Bit) CMOS EPROM

27C4096 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C4096 Datasheet PDF - Advanced Micro Devices

Part # 27C4096
Download  27C4096 Click to download

File Size   165.57 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 4 Megabit (256 K x 16-Bit) CMOS EPROM

27C4096 Datasheet (HTML) - Advanced Micro Devices


27C4096 Product details

GENERAL DESCRIPTION
The Am27C4096 is a 4 Mbit, ultraviolet erasable programmable read-only memory. It is organized as 256 Kwords, operates from a single +5 V supply, has a static standby mode, and features fast single address location programming. The Am27C4096 is ideal for use in 16-bit microprocessor systems. The device is available in windowed ceramic DIP packages, and plastic one time programmable (OTP) PDIP and PLCC packages.

DISTINCTIVE CHARACTERISTICS
■ Fast access time
    — Speed options as fast as 90 ns
■ Low power consumption
    — 100 µA maximum CMOS standby current
■ JEDEC-approved pinout
    — Plug-in upgrade of 1 Mbit and 2 Mbit EPROMs
    — 40-pin DIP/PDIP
    — 44-pin PLCC
■ Single +5 V power supply
■ ±10% power supply tolerance standard
■ 100% Flashrite programming
    — Typical programming time of 32 seconds
■ Latch-up protected to 100 mA from –1 V to VCC + 1 V
■ High noise immunity




Similar Part No. - 27C4096

ManufacturerPart #DatasheetDescription
logo
Winbond
27C4096 WINBOND-27C4096 Datasheet
230Kb / 15P
256K X 16 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
27C4096 ATMEL-27C4096 Datasheet
254Kb / 9P
4-Megabit 256K x 16 OTP EPROM
logo
Macronix International
27C4096 MCNIX-27C4096 Datasheet
785Kb / 18P
4M-BIT [512K x 8/256K x 16] CMOS EPROM
27C4096-10 MCNIX-27C4096-10 Datasheet
785Kb / 18P
4M-BIT [512K x 8/256K x 16] CMOS EPROM
27C4096-12 MCNIX-27C4096-12 Datasheet
785Kb / 18P
4M-BIT [512K x 8/256K x 16] CMOS EPROM
More results


Similar Description - 27C4096

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
2 Megabit (128 K x 16-Bit) CMOS EPROM
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
logo
SPANSION
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com