Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ192GA110-I Datasheet (PDF) - Microchip Technology

PIC24FJ192GA110-I Datasheet PDF - Microchip Technology
Part # PIC24FJ192GA110-I
Download  PIC24FJ192GA110-I Download
File Size   2667.45 Kbytes
Page   330 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC24FJ256GA110 Family Data Sheet

PIC24FJ192GA110-I Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC24FJ192GA110-I Datasheet PDF - Microchip Technology

Part # PIC24FJ192GA110-I
Download  PIC24FJ192GA110-I Click to download

File Size   2667.45 Kbytes
Page   330 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC24FJ256GA110 Family Data Sheet

PIC24FJ192GA110-I Datasheet (HTML) - Microchip Technology


PIC24FJ192GA110-I Product details

Special Microcontroller Features:

• Operating Voltage Range of 2.0V to 3.6V

• Self-Reprogrammable under Software Control

• 5.5V Tolerant Input (digital pins only)

• Configurable Open-Drain Outputs on Digital I/O

• High-Current Sink/Source (18 mA/18 mA) on all I/O

• Selectable Power Management modes:

- Sleep, Idle and Doze modes with fast wake-up

• Fail-Safe Clock Monitor Operation:

- Detects clock failure and switches to on-chip FRC oscillator

• On-Chip LDO Regulator

 



Power Management:

• On-Chip 2.5V Voltage Regulator

• Switch between Clock Sources in Real Time

• Idle, Sleep and Doze modes with Fast Wake-up and

Two-Speed Start-up

• Run mode: 1 mA/MIPS, 2.0V Typical

• Standby Current with 32 kHz Oscillator: 2.6 A, 2.0V Typical

• Power-on Reset (POR), Power-up Timer (PWRT),

Low-Voltage Detect (LVD) and Oscillator Start-up Timer

(OST)

• Flexible Watchdog Timer (WDT) with On-Chip

Low-Power RC Oscillator for Reliable Operation

• In-Circuit Serial Programming™ (ICSP™) and

In-Circuit Debug (ICD) via 2 Pins

• JTAG Boundary Scan Support

• Brown-out Reset (BOR)

• Flash Program Memory:

- 10,000 erase/write cycle endurance (minimum)

- 20-year data retention minimum

- Selectable write protection boundary

- Write protection option for Flash Configuration Words



High-Performance CPU:

• Modified Harvard Architecture

• Up to 16 MIPS Operation at 32 MHz

• 8 MHz Internal Oscillator

• 17-Bit x 17-Bit Single-Cycle Hardware Multiplier

• 32-Bit by 16-Bit Hardware Divider

• 16 x 16-Bit Working Register Array

• C Compiler Optimized Instruction Set Architecture with Flexible Addressing modes

• Linear Program Memory Addressing, Up to 12 Mbytes

• Linear Data Memory Addressing, Up to 64 Kbytes

• Two Address Generation Units for Separate Read and Write Addressing of Data Memory



Analog Features:

• 10-Bit, Up to 16-Channel Analog-to-Digital (A/D) Converter at 500 ksps:

- Conversions available in Sleep mode

• Three Analog Comparators with Programmable Input/Output Configuration

• Charge Time Measurement Unit (CTMU)




Similar Part No. - PIC24FJ192GA110-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ192GA110-I/PF MICROCHIP-PIC24FJ192GA110-I/PF Datasheet
2Mb / 330P
64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ192GA110-I/PT MICROCHIP-PIC24FJ192GA110-I/PT Datasheet
2Mb / 330P
64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
More results


Similar Description - PIC24FJ192GA110-I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
MachXO Family Data Sheet
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
LatticeXP Family Data Sheet
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
LatticeXP2 Family Data Sheet
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
KL14 Sub-Family Data Sheet
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
Product family data sheet
Rev 11A
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
M68HC11E Family Data Sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
MachXO2 Family Data Sheet
2010-2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com