Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1241 Datasheet (PDF) - Linear Integrated Systems

LT1241 Datasheet PDF - Linear Integrated Systems
Part # LT1241
Download  LT1241 Download
File Size   277.48 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description High Speed Current Mode Pulse Width Modulators

LT1241 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1241 Datasheet PDF - Linear Integrated Systems

Part # LT1241
Download  LT1241 Click to download

File Size   277.48 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description High Speed Current Mode Pulse Width Modulators

LT1241 Datasheet (HTML) - Linear Integrated Systems


LT1241 Product details

DESCRIPTION
The LT®1241 series devices are 8-pin, fixed frequency, current mode, pulse width modulators. They are improved plug compatible versions of the industry standard UC1842 series. These devices have both improved speed and lower quiescent current. The LT1241 series is optimized for off-line and DC/DC converter applications. They contain a temperature-compensated reference, high gain error amplifier, current sensing comparator and a high current totem pole output stage ideally suited to driving power MOSFETs. Start-up current has been reduced to less than 250µA.

FEATURES
■ Low Start-Up Current: < 250µA
■ 50ns Current Sense Delay
■ Current Mode Operation: To 500kHz
■ Pin Compatible with UC1842 Series
■ Undervoltage Lockout with Hysteresis
■ No Cross-Conduction Current
■ Trimmed Bandgap Reference
■ 1A Totem Pole Output
■ Trimmed Oscillator Frequency and Sink Current
■ Active Pull-Down on Reference and Output During Undervoltage Lockout
■ High Level Output Clamp: 18V
■ Current Sense Leading Edge Blanking

APPLICATIONS
■ Off-Line Converters
■ DC/DC Converters




Similar Part No. - LT1241

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1241 LINER-LT1241 Datasheet
331Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
More results


Similar Description - LT1241

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1241 LINER-LT1241 Datasheet
331Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1244IS8 LINER-LT1244IS8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
High Speed Current Mode Pulse Width Modulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com