Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3507 Datasheet (PDF) - Linear Integrated Systems

LT3507 Datasheet PDF - Linear Integrated Systems
Part # LT3507
Download  LT3507 Download
File Size   280.84 Kbytes
Page   28 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Triple Monolithic Step-Down Regulator with LDO

LT3507 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3507 Datasheet PDF - Linear Integrated Systems

Part # LT3507
Download  LT3507 Click to download

File Size   280.84 Kbytes
Page   28 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Triple Monolithic Step-Down Regulator with LDO

LT3507 Datasheet (HTML) - Linear Integrated Systems


LT3507 Product details

DESCRIPTION

The LT®3507 is a triple, current mode, DC/DC converter with internal power switches and a low dropout regulator. The switching converters are step-down converters capable of generating one 2.4A output and two 1.5A outputs. All three converters are synchronized to a single oscillator. The 2.4A output runs with opposite phase to the other two converters, reducing input ripple current. Each regulator has independent shutdown and soft-start circuits, and generates a power good signal when its output is in regulation, easing power supply sequencing and interfacing with microcontrollers and DSPs.



FEATURES

■ Wide Input Range: 4V to 36V

■ One 2.4A and Two 1.5A Output Switching Regulators with Internal Power Switches

■ Low Dropout Linear Regulator with External Transistor

■ Antiphase Switching Reduces Ripple

■ Independent Run, Tracking/Soft-Start, and Power Good Indicators Ease Supply Sequencing

■ Uses Small Inductors and Ceramic Capacitors

■ Adjustable, 250kHz to 2.5MHz Switching Frequency, Synchronizable Over the Full Range

■ User Programmable Overvoltage and Undervoltage Lockouts

■ Thermally Enhanced, 38-Lead 5mm × 7mm QFN Package



APPLICATIONS

■ DSL and Cable Modems

■ Distributed Power Regulation

■ DSP Power

■ Automotive



 




Similar Part No. - LT3507

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507 LINER-LT3507 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3507 LINER-LT3507 Datasheet
441Kb / 34P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3507 LINER-LT3507 Datasheet
382Kb / 28P
40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3507 LINER-LT3507 Datasheet
641Kb / 36P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results


Similar Description - LT3507

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
Triple Monolithic Step-Down Regulator with LDO
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
logo
STMicroelectronics
L5964 STMICROELECTRONICS-L5964 Datasheet
369Kb / 16P
Automotive monolithic dual step-down switching regulator with LDO
24-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com