Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3518 Datasheet (PDF) - Linear Integrated Systems

LT3518 Datasheet PDF - Linear Integrated Systems
Part # LT3518
Download  LT3518 Download
File Size   250.82 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Full-Featured LED Driver with 2.3A Switch Current

LT3518 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3518 Datasheet PDF - Linear Integrated Systems

Part # LT3518
Download  LT3518 Click to download

File Size   250.82 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Full-Featured LED Driver with 2.3A Switch Current

LT3518 Datasheet (HTML) - Linear Integrated Systems


LT3518 Product details

DESCRIPTION
The LT®3518 is a current mode DC/DC converter with an internal 2.3A, 45V switch specifically designed to drive LEDs. The LT3518 operates as a LED driver in boost, buck mode and buck-boost mode. It combines a traditional voltage loop and a unique current loop to operate as a constant-current source or constant-voltage source. Programmable switching frequency allows optimization of the external components for efficiency or component size. The switching frequency of the LT3518 can be synchronized to an external clock signal. The LED current is externally programmable with a 100mV sense resistor. The external PWM input provides 3000:1 LED dimming. The CTRL pin provides further 10:1 dimming ratio.

FEATURES
■ 3000:1 True Color PWM™ Dimming Ratio
■ 2.3A, 45V Internal Switch
■ 100mV High Side Current Sense
■ Open LED Protection
■ Adjustable Frequency: 250kHz to 2.5MHz
■ Wide Input Voltage Range:
   Operation from 3V to 30V
   Transient Protection to 40V
■ Operates in Boost, Buck Mode and Buck-Boost Mode
■ Gate Driver for PMOS LED Disconnect
■ Constant-Current and Constant-Voltage Regulation
■ CTRL Pin Provides 10:1 Analog Dimming
■ Low Shutdown Current: <1μA
■ Available in (4mm × 4mm) 16-Lead QFN and 16-Pin
   TSSOP Packages

APPLICATIONS
■ Display Backlighting
■ Automotive and Avionic Lighting
■ Illumination
■ Scanners




Similar Part No. - LT3518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3518 LINEAR_DIMENSIONS-LT3518 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3518 LINER-LT3518 Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
More results


Similar Description - LT3518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
Full Featured Programmable Analog Supply Current Monitor
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
36V, 2.3A Synchronous Step-Up LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com