Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3591 Datasheet (PDF) - Linear Integrated Systems

LT3591 Datasheet PDF - Linear Integrated Systems
Part # LT3591
Download  LT3591 Download
File Size   274.76 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description White LED Driver with Integrated Schottky in 3mm 2mm DFN

LT3591 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3591 Datasheet PDF - Linear Integrated Systems

Part # LT3591
Download  LT3591 Click to download

File Size   274.76 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description White LED Driver with Integrated Schottky in 3mm 2mm DFN

LT3591 Datasheet (HTML) - Linear Integrated Systems


LT3591 Product details

DESCRIPTION
The LT®3591 is a fixed frequency step-up DC/DC converter specifi cally designed to drive up to ten white LEDs in series from a Li-Ion cell. Series connection of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The device features a unique high side LED current sense that enables the part to function as a “one wire current source;” one side of the LED string can be returned to ground anywhere, allowing a simpler one wire LED connection. Traditional LED drivers use a grounded resistor to sense LED current, requiring a 2-wire connection to the LED string.

FEATURES
■ Drives Up to Ten White LEDs from a 3V Supply
■ High Side Sense Allows “One Wire Current Source”
■ Internal Schottky Diode
■ One Pin Dimming and Shutdown
■ 80:1 True Color PWMTM Dimming Range
■ 42V Open LED Protection
■ 1MHz Switching Frequency
■ ±5% Reference Accuracy
■ VIN Range: 2.5V to 12V
■ Requires Only 2.2µF Output Capacitor
■ Low Profi le 8-Lead DFN Package (3mm × 2mm × 0.75mm)

APPLICATIONS
■ Cellular Phones
■ PDAs, Handheld Computers
■ Digital Cameras
■ MP3 Players
■ GPS Receivers




Similar Part No. - LT3591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3591 LINER-LT3591 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3591 LINER-LT3591 Datasheet
298Kb / 16P
White LED Driver with Integrated Schottky
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
White LED Driver with Integrated Schottky
More results


Similar Description - LT3591

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
White LED Driver with Integrated Schottky in SC70
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
White LED Driver with Integrated Schottky
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com