Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet (PDF) - Linear Integrated Systems

LTC3703 Datasheet PDF - Linear Integrated Systems
Part # LTC3703
Download  LTC3703 Download
File Size   393.71 Kbytes
Page   34 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 100V Synchronous Switching Regulator

LTC3703 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3703 Datasheet PDF - Linear Integrated Systems

Part # LTC3703
Download  LTC3703 Click to download

File Size   393.71 Kbytes
Page   34 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 100V Synchronous Switching Regulator

LTC3703 Datasheet (HTML) - Linear Integrated Systems


LTC3703 Product details

DESCRIPTION
The LTC®3703 is a synchronous step-down switching regulator controller that can directly step down voltages from up to 100V, making it ideal for telecom and automotive applications. The LTC3703 drives external N-channel MOSFETs using a constant frequency (up to 600kHz), voltage mode architecture.

FEATURES
■ High Voltage Operation: Up to 100V
■ Large 1Ω Gate Drivers
■ No Current Sense Resistor Required
■ Step-Up or Step-Down DC/DC Converter
■ Dual N-Channel MOSFET Synchronous Drive
■ Excellent Line and Load Transient Response
■ Programmable Constant Frequency: 100kHz to 600kHz
■ ±1% Reference Accuracy
■ Synchronizable up to 600kHz
■ Selectable Pulse-Skip Mode Operation
■ Low Shutdown Current: 50µA Typ
■ Programmable Current Limit
■ Undervoltage Lockout
■ Programmable Soft-Start
■ 16-Pin Narrow SSOP and 28-Pin SSOP Packages

APPLICATIONS
■ 48V Telecom and Base Station Power Supplies
■ Networking Equipment, Servers
■ Automotive and Industrial Control




Similar Part No. - LTC3703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3703 LINER-LTC3703 Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
logo
Linear Integrated Syste...
LTC3703 LINEAR-LTC3703 Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
logo
Linear Technology
LTC3703 LINER-LTC3703 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
More results


Similar Description - LTC3703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
100V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
100V Current Mode Synchronous Switching Regulator Controller
logo
Texas Instruments
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
100V, 300mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019 Datasheet
419Kb / 17P
100V, 100mA Constant On-Time Synchronous Buck Regulator
logo
Linear Integrated Syste...
LTC3703HGN LINEAR-LTC3703HGN Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
logo
Linear Technology
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
100V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
60V Synchronous Switching Regulator Controller
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
100V, 1A Synchronous Micropower Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com