Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4069 Datasheet (PDF) - Linear Integrated Systems

LTC4069 Datasheet PDF - Linear Integrated Systems
Part # LTC4069
Download  LTC4069 Download
File Size   522.61 Kbytes
Page   18 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input

LTC4069 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4069 Datasheet PDF - Linear Integrated Systems

Part # LTC4069
Download  LTC4069 Click to download

File Size   522.61 Kbytes
Page   18 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input

LTC4069 Datasheet (HTML) - Linear Integrated Systems


LTC4069 Product details

DESCRIPTION
The LTC®4069 is a complete constant-current/constant-voltage linear charger for single-cell lithium-ion batteries. The 2mm × 2mm DFN package and low external component count make the LTC4069 especially well-suited for portable applications. Furthermore, LTC4069 is specifically designed to work within USB power specifications.

FEATURES
■ Complete Linear Charger in 2mm × 2mm DFN Package
■ C/10 Charge Current Detection Output
■ Timer Charge Termination
■ Charge Current Programmable Up to 750mA with 5% Accuracy
■ No External MOSFET, Sense Resistor or Blocking Diode Required
■ NTC Thermistor Input for Temperature Qualified Charging
■ Preset 4.2V Float Voltage with 0.6% Accuracy
■ Constant-Current/Constant-Voltage Operation with Thermal Feedback to Maximize Charge Rate Without Risk of Overheating
■ Charge Current Monitor Output for Gas Gauging
■ Automatic Recharge
■ Charges Single-Cell Li-Ion Batteries Directly from USB Port
■ 20µA Supply Current in Shutdown Mode
■ Soft-Start Limits Inrush Current
■ Tiny 6-Lead (2mm × 2mm) DFN Package

APPLICATIONS
■ Wireless PDAs
■ Cellular Phones
■ Portable Electronics




Similar Part No. - LTC4069

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
578Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4_15 Datasheet
207Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4069EDC-4.4-PBF LINER-LTC4069EDC-4.4-PBF Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
More results


Similar Description - LTC4069

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com