Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4065EDC Datasheet (PDF) - Linear Integrated Systems

LTC4065EDC Datasheet PDF - Linear Integrated Systems
Part # LTC4065EDC
Download  LTC4065EDC Download
File Size   206.46 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Standalone 750mA Li-Ion Battery Charger in 2 2 DFN

LTC4065EDC Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4065EDC Datasheet PDF - Linear Integrated Systems

Part # LTC4065EDC
Download  LTC4065EDC Click to download

File Size   206.46 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Standalone 750mA Li-Ion Battery Charger in 2 2 DFN

LTC4065EDC Datasheet (HTML) - Linear Integrated Systems


LTC4065EDC Product details

 DESCRIPTION

The LTC® 4065L is a complete constant-current/constant voltage linear charger for single-cell lithium-ion batteries. Its small size and ability to accurately regulate low charge currents make the LTC4065L especially well-suited for portable applications using low capacity rechargeable lithium-ion cells. Furthermore, LTC4065L is specifically designed to work within USB power specifications.



FEATURES

Charge Current Programmable up to 250mA with  5% Accuracy

Complete Linear Charger in 2mm ×2mm DFN Package

C/10 Charge Current Detection Output

Timer Termination

No External MOSFET, Sense Resistor or Blocking Diode Required

Preset Float Voltage with 0.6% Accuracy:

    4.2V for LTC4065L/LTC4065LX

    4.1V for LTC4065L-4.1

Constant-Current/Constant-Voltage Operation with Thermal Feedback to Maximize Charging Rate  Without Risk of Overheating

Charge Current Monitor Output for Gas Gauging

Automatic Recharge

Charges Single Cell Li-Ion Batteries Directly from USB Port

20μA Supply Current in Shutdown Mode

Available Without Trickle Charge (LTC4065LX)

Tiny 6-Lead (2mm ×2mm) DFN Package



APPLICATIONS

Charger for Li-Ion Coin Cell Batteries

Portable MP3 Players, Wireless Headsets

Bluetooth Applications

nMultifunction Wristwatches




Similar Part No. - LTC4065EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065EDC LINER-LTC4065EDC Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC LINER-LTC4065EDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC LINER-LTC4065EDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results


Similar Description - LTC4065EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com