Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6087CDD Datasheet (PDF) - Linear Integrated Systems

LTC6087CDD Datasheet PDF - Linear Integrated Systems
Part # LTC6087CDD
Download  LTC6087CDD Download
File Size   263.5 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers

LTC6087CDD Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6087CDD Datasheet PDF - Linear Integrated Systems

Part # LTC6087CDD
Download  LTC6087CDD Click to download

File Size   263.5 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers

LTC6087CDD Datasheet (HTML) - Linear Integrated Systems


LTC6087CDD Product details

DESCRIPTION
The LTC®6087/LTC6088 are dual/quad, low noise, low offset, rail-to-rail input/output, unity-gain stable CMOS operationalamplifiersthatfeature1pAofinputbiascurrent. A 14MHz gain bandwidth and 7.2V/µs slew rate, combined with low noise (10nV/√Hz) and a low 0.75mV offset, make the LTC6087/LTC6088 useful in a variety of applications. The 1.05mA supply current and the shutdown mode are ideal for signal processing applications which demand performance with minimal power.

Features
■ Low Offset Voltage: 750µV Maximum
■ Low Offset Drift: 5µV/°C Maximum
■ Input Bias Current:
   1pA (Typical at 25°C)
   15pA (Typical at 85°C)
■ Rail-to-Rail Inputs and Outputs
■ Gain Bandwidth Product: 14MHz
■ CMRR: 70dB Minimum
■ PSRR: 93dB Minimum
■ Input Noise Voltage Density: 12nV/√Hz
■ Supply Current: 1.05mA per Amp
■ Shutdown Current: 2.3µA per Amp
■ 2.7V to 5.5V Operation Voltage
■ Available in 8-Lead MSOP and 10-Lead DFN
   Packages (LTC6087), 16-Lead SSOP and DFN
   Packages (LTC6088)

APPLICATIONS
■ Portable Test Equipment
■ Medical Equipment
■ Audio
■ Data Acquisition
■ High Impedance Transducer Amplifier




Similar Part No. - LTC6087CDD

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087CDD-PBF LINER-LTC6087CDD-PBF Datasheet
1Mb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6087CDD-TRPBF LINER-LTC6087CDD-TRPBF Datasheet
1Mb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
More results


Similar Description - LTC6087CDD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
logo
Linear Technology
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Analog Devices
OP295 AD-OP295_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
logo
Linear Technology
LTC6084 LINER-LTC6084_15 Datasheet
247Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com