Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1175-50 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC1175-50 Datasheet PDF - Texas Instruments
Part # ADC1175-50
Download  ADC1175-50 Download
File Size   1193.67 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter

ADC1175-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1175-50 Datasheet PDF - Texas Instruments

Part # ADC1175-50
Download  ADC1175-50 Click to download

File Size   1193.67 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter

ADC1175-50 Datasheet (HTML) - Texas Instruments


ADC1175-50 Product details

DESCRIPTION
The ADC1175-50 is a low power, 50 MSPS analogto-
digital converter that digitizes signals to 8 bits while
consuming just 125 mW (typ). The ADC1175-50 uses
a unique architecture that achieves 6.8 Effective Bits
at 25 MHz input and 50 MHz clock frequency. Output
formatting is straight binary coding.
The excellent DC and AC characteristics of this
device, together with its low power consumption and
+5V single supply operation, make it ideally suited for
many video and imaging applications, including use in
portable equipment. Furthermore, the ADC1175-50 is
resistant to latch-up and the outputs are short-circuit
proof. The top and bottom of the ADC1175-50's reference ladder is available for connections,
enabling a wide range of input possibilities. The low
input capacitance (7 pF, typical) makes this device
easier to drive than conventional flash converters and
the power down mode reduces power consumption to less than 5 mW.
The ADC1175-50 is offered in 24-pin TSSOP and 24-
pin WQFN packages and is designed to operate over
the extended commercial temperature range of −20°C to +75°C.

FEATURES
• Internal Track-and-Hold Function
• Single +5V Operation
• Internal Reference Bias Resistors
• Industry Standard Pinout
• Power-Down Mode (<5 mW)

APPLICATIONS
• Digital Still Cameras
• CCD Imaging
• Electro-Optics
• Video Digitization
• Multimedia

KEY SPECIFICATIONS
• Resolution 8 Bits
• Maximum Sampling Frequency 50 MSPS (min)
• THD 54 dB (typ)
• DNL 0.7 LSB (typ)
• ENOB @ fIN = 25 MHz 6.8 Bits (typ)
• Ensured No Missing Codes
• Power Consumption (Excluding
Reference Current) 125 mW (typ)
190 mW (max)




Similar Part No. - ADC1175-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50 Datasheet
403Kb / 20P
8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 TI2-ADC1175-50 Datasheet
876Kb / 28P
ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
REVISED APRIL 2013
logo
National Semiconductor ...
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
422Kb / 19P
8-Bit, 50 MSPS, 125 mW A/D Converter
More results


Similar Description - ADC1175-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Analog Devices
AD9058 AD-AD9058 Datasheet
148Kb / 8P
Dual 8-Bit 50 MSPS A/D Converter
REV.B
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50_07 Datasheet
403Kb / 20P
8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Analog Devices
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Analog Devices
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
Dual 8-Bit 50 MSPS A/D Converter
23-Feb-2017
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com