Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC237C Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC237C Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BC237C
Download  BC237C Download
File Size   157.26 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

BC237C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC237C Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC237C
Download  BC237C Click to download

File Size   157.26 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

BC237C Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


BC237C Product details

FEATURES
   Power dissipation
     PCM: 0.35 W (Tamb=25℃)
   Collector current
     ICM: 0.1 A
   Collector-base voltage
     V(BR)CBO: BC237 50V
                         BC238/239 30V
   Operating and storage junction temperature range
     TJ,Tstg: -55℃ to +150℃




Similar Part No. - BC237C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC237C MOTOROLA-BC237C Datasheet
112Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC237C ONSEMI-BC237C Datasheet
83Kb / 4P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Fairchild Semiconductor
BC237C FAIRCHILD-BC237C Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC237C ONSEMI-BC237C Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
logo
Continental Device Indi...
BC237C CDIL-BC237C Datasheet
359Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Similar Description - BC237C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com