Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986A Datasheet (PDF) - STMicroelectronics

A7986A Datasheet PDF - STMicroelectronics
Part # A7986A
Download  A7986A Download
File Size   1578.17 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching regulator for automotive applications

A7986A Datasheet (PDF)

Go To PDF Page Download Datasheet
A7986A Datasheet PDF - STMicroelectronics

Part # A7986A
Download  A7986A Click to download

File Size   1578.17 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching regulator for automotive applications

A7986A Datasheet (HTML) - STMicroelectronics


A7986A Product details

Description
The A7986A is a step-down switching regulator with a 3.7 A (min.) current limited embedded power MOSFET, so it is able to deliver up to 3 A current to the load depending on the application conditions. The input voltage can range from 4.5 V to 38 V, while the output voltage can be set starting from 0.6 V to VIN. Requiring a minimum set of external components, the device includes an internal 250 kHz switching frequency oscillator that can be externally adjusted up to 1 MHz. The HSOP8 package with exposed pad allows the reduction of Rth(JA) down to 40 °C/W.

Features
■ Qualified following AEC-Q100 requirements
■ 3 A DC output current
■ 4.5 V to 38 V input voltage
■ Output voltage adjustable from 0.6 V
■ 250 kHz switching frequency, programmable up to 1 MHz
■ Internal soft-start and enable
■ Low dropout operation: 100% duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Overcurrent and thermal protection
■ HSOP8 package

Applications
■ Dedicated to automotive applications
■ Automotive LED driving




Similar Part No. - A7986A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A798 ETC1-A798 Datasheet
192Kb / 3P
TRANSISTOR
logo
STMicroelectronics
A7985A STMICROELECTRONICS-A7985A Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
A7985ATR STMICROELECTRONICS-A7985ATR Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
22-Sep-2020
A7987TR STMICROELECTRONICS-A7987TR Datasheet
2Mb / 36P
61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
22-Sep-2020
More results


Similar Description - A7986A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
2 A step down switching regulator for automotive applications
14-Jan-2008
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
B5973D_0808 STMICROELECTRONICS-B5973D_0808 Datasheet
768Kb / 12P
2 A step down switching regulator for automotive applications
27-Aug-2008
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
Up to 1 A step down switching regulator for automotive applications
03-Nov-2009
A7985ATR STMICROELECTRONICS-A7985ATR Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
R7986A STMICROELECTRONICS-R7986A Datasheet
909Kb / 37P
3 A step-down switching regulator for aerospace applications
06-Oct-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com