Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8816 Datasheet (PDF) - Analog Microelectronics

AME8816 Datasheet PDF - Analog Microelectronics
Part # AME8816
Download  AME8816 Download
File Size   112.66 Kbytes
Page   14 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 1.5A CMOS LDO

AME8816 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8816 Datasheet PDF - Analog Microelectronics

Part # AME8816
Download  AME8816 Click to download

File Size   112.66 Kbytes
Page   14 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 1.5A CMOS LDO

AME8816 Datasheet (HTML) - Analog Microelectronics


AME8816 Product details

General Description
The AME8816 family of positive, linear regulators feature low quiescent current (45mA typ.) with low dropout voltage, making them ideal for battery applications.
   
Features
● Very Low Dropout Voltage
● Guaranteed 1.5A Output
● Accurate to within 1.5%
● 45mA Quiescent Current Typically
● Over-Temperature Shutdown
● Current Limiting
● Short Circuit Current Fold-back
● Noise Reduction Bypass Capacitor (Fixed
    Versions)
● Power-Saving Shutdown Mode
● Low Temperature Coefficient
● Adjustable Version
● All AME’s Lead Free Products Meet RoHS
    Standards
   
Applications
● Instrumentation
● Portable Electronics
● Wireless Devices
● PC Peripherals
● Battery Powered Widgets
   




Similar Part No. - AME8816

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816AEDA120Z AME-AME8816AEDA120Z Datasheet
304Kb / 18P
1.5A CMOS LDO
AME8816AEDA150Z AME-AME8816AEDA150Z Datasheet
304Kb / 18P
1.5A CMOS LDO
AME8816AEDA180Z AME-AME8816AEDA180Z Datasheet
304Kb / 18P
1.5A CMOS LDO
AME8816AEDA250Z AME-AME8816AEDA250Z Datasheet
304Kb / 18P
1.5A CMOS LDO
AME8816AEDA330Z AME-AME8816AEDA330Z Datasheet
304Kb / 18P
1.5A CMOS LDO
More results


Similar Description - AME8816

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
1.5A CMOS LDO
AME8817 AME-AME8817 Datasheet
81Kb / 10P
1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
1.5A CMOS LDO
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
1.5A CMOS LDO
L11815B UTC-L11815B_15 Datasheet
189Kb / 6P
1.5A CMOS LDO
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com