Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8841 Datasheet (PDF) - Analog Microelectronics

AME8841 Datasheet PDF - Analog Microelectronics
Part # AME8841
Download  AME8841 Download
File Size   79.02 Kbytes
Page   10 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 600mA CMOS LDO

AME8841 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8841 Datasheet PDF - Analog Microelectronics

Part # AME8841
Download  AME8841 Click to download

File Size   79.02 Kbytes
Page   10 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 600mA CMOS LDO

AME8841 Datasheet (HTML) - Analog Microelectronics


AME8841 Product details

General Description
The AME8841 linear regulator features low quiescent current (30mA typ.) with low dropout voltage, making it ideal for battery applications. The space-saving SO-8 package is attractive for "Pocket? and "Hand Held" applications.

Features
● Very Low Dropout Voltage
● Guaranteed 600mA Output
● Accurate to within 1.5%
● 30mA Quiescent Current
● Over-Temperature Shutdown
● Current Limiting
● Short Circuit Current Fold-back
● Power-Saving Shutdown Mode
● Space-Saving SO-8 Package
● Many fixed output voltages available
● Low Temperature Coefficient
● All AMEs Lead Free Products Meet RoHS Standards

Applications
● Instrumentation
● Portable Electronics
● Wireless Devices
● Cordless Phones
● PC Peripherals
● Battery Powered Widgets
● Electronic Scales




Similar Part No. - AME8841

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8841 AME-AME8841 Datasheet
155Kb / 14P
600mA CMOS LDO
AME88411EHAZ AME-AME88411EHAZ Datasheet
155Kb / 14P
600mA CMOS LDO
AME88412EHAZ AME-AME88412EHAZ Datasheet
155Kb / 14P
600mA CMOS LDO
AME88413EHAZ AME-AME88413EHAZ Datasheet
155Kb / 14P
600mA CMOS LDO
AME88414EHAZ AME-AME88414EHAZ Datasheet
155Kb / 14P
600mA CMOS LDO
More results


Similar Description - AME8841

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8861 AME-AME8861 Datasheet
148Kb / 9P
600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
600mA CMOS LDO
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
600mA CMOS LDO
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com