Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A23L2616 Datasheet (PDF) - AMIC Technology

A23L2616 Datasheet PDF - AMIC Technology
Part # A23L2616
Download  A23L2616 Download
File Size   122.12 Kbytes
Page   11 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4M X 16 / 8M X 8 BIT CMOS MASK ROM

A23L2616 Datasheet (PDF)

Go To PDF Page Download Datasheet
A23L2616 Datasheet PDF - AMIC Technology

Part # A23L2616
Download  A23L2616 Click to download

File Size   122.12 Kbytes
Page   11 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4M X 16 / 8M X 8 BIT CMOS MASK ROM

A23L2616 Datasheet (HTML) - AMIC Technology


A23L2616 Product details

Features

2M x 16 bit or 4M x 8 bit organization

Supply voltage range: 2.7V~3.6V

Access time: 70ns (max.)/3.0V~3.6V

                100ns (max.)/2.7V~3.6V

Current: Operating: 40mA (typ.)/3.3V

            Standby: 10mA (typ.)/3.3V

Three-state outputs for wired-OR expansion

Full static operation

All inputs and outputs are directly TTL-compatible

Flash memory pinout compatible with A23L26161

Available in 44-pin SOP, 48-pin TSOP (forward, reverse type and flash memory’s pinouts compatible) packages




Similar Part No. - A23L2616

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Similar Description - A23L2616

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
8M-BIT [1M x 8] CMOS MASK ROM
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
4M-BIT [256K x 16] CMOS MASK ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
8M X 16 / 16M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com