Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29002 Datasheet (PDF) - AMIC Technology

A29002 Datasheet PDF - AMIC Technology
Part # A29002
Download  A29002 Download
File Size   312.85 Kbytes
Page   32 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

A29002 Datasheet (PDF)

Go To PDF Page Download Datasheet
A29002 Datasheet PDF - AMIC Technology

Part # A29002
Download  A29002 Click to download

File Size   312.85 Kbytes
Page   32 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

A29002 Datasheet (HTML) - AMIC Technology


A29002 Product details

General Description
The A29002 is a 5.0 volt-only Flash memory organized as 262,144 bytes of 8 bits each. The A29002 offers the RESET function, but it is not available on A290021. The 256 Kbytes of data are further divided into seven sectors for flexible sector erase capability. The 8 bits of data appear on I/O0 - I/O7 while the addresses are input on A0 to A17. The A29002 is offered in 32-pin PLCC, TSOP, and PDIP packages. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29002 can also be programmed in standard EPROM programmers.
   
Features
■ 5.0V ± 10% for read and write operations
■ Access times:
    - 55/70/90/120/150 (max.)
■ Current:
    - 20 mA typical active read current
    - 30 mA typical program/erase current
    - 1 mA typical CMOS standby
■ Flexible sector architecture
    - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX3 sectors
    - Any combination of sectors can be erased
    - Supports full chip erase
    - Sector protection:
        A hardware method of protecting sectors to prevent any inadvertent program or erase operations within that sector
■ Top or bottom boot block configurations available
■ Embedded Erase Algorithms
    - Embedded Erase algorithm will automatically erase the entire chip or any combination of designated sectors and verify the erased sectors
    - Embedded Program algorithm automatically writes and verifies bytes at specified addresses
■ Typical 100,000 program/erase cycles per sector
■ 20-year data retention at 125°C
    - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
    - Pinout and software compatible with single-powersupply Flash memory standard
    - Superior inadvertent write protection
■ Data Polling and toggle bits
    - Provides a software method of detecting completion of program or erase operations
■ Erase Suspend/Erase Resume
    - Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation
■ Hardware reset pin (RESET )
    - Hardware method to reset the device to reading array data (not available on A290021)
■ Package options
    - 32-pin P-DIP, PLCC, or TSOP (Forward type)
   




Similar Part No. - A29002

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
Boot Sector Flash Memory
More results


Similar Description - A29002

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001 AMICC-A29001 Datasheet
311Kb / 32P
128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400 AMICC-A29400 Datasheet
497Kb / 33P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29001 AMICC-A29001_07 Datasheet
454Kb / 36P
128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011B AMICC-A290011B Datasheet
387Kb / 33P
128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com