Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29DL323 Datasheet (PDF) - AMIC Technology

A29DL323 Datasheet PDF - AMIC Technology
Part # A29DL323
Download  A29DL323 Download
File Size   496.9 Kbytes
Page   46 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)

A29DL323 Datasheet (PDF)

Go To PDF Page Download Datasheet
A29DL323 Datasheet PDF - AMIC Technology

Part # A29DL323
Download  A29DL323 Click to download

File Size   496.9 Kbytes
Page   46 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)

A29DL323 Datasheet (HTML) - AMIC Technology


A29DL323 Product details

GENERAL DESCRIPTION
The A29DL32x family consists of 32 megabit, 3.0 volt-only flash memory devices, organized as 2,097,152 words of 16 bits each or 4,194,304 bytes of 8 bits each. Word mode data appears on I/O0–I/O15; byte mode data appears on I/O0–I/O7. The device is designed to be programmed in-system with the standard 3.0 volt VCC supply, and can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
    - Data can be continuously read from one bank while executing erase/program functions in other bank
    - Zero latency between read and write operations
■ Multiple bank architectures
    - Three devices available with different bank sizes (refer to Table 2)
■ Package options
    - 48-ball TFBGA
    - 48-pin TSOP
■ Top or bottom boot block
■ Manufactured on 0.18 µm process technology
    - Compatible with AMD AM29DL32xD device
■ Compatible with JEDEC standards
    - Pinout and software compatible with single-power-supply flash standard

PERFORMANCE CHARACTERISTICS
■ High performance
    - Access time as fast as 70ns
    - Program time: 7µs/word typical utilizing Accelerate function
■ Ultra low power consumption (typical values)
    - 2mA active read current at 1MHz
    - 10mA active read current at 5MHz
    - 200nA in standby or automatic sleep mode
■ Minimum 1 million write cycles guaranteed per sector
■ 20 Year data retention at 125°C
    - Reliable operation for the life of the system

SOFTWARE FEATURES
■ Supports Common Flash Memory Interface (CFI)
■ Erase Suspend/Erase Resume
    - Suspends erase operations to allow programming in same bank ■ Software temporary sector/sector block unprotect command
■ Software sector protect/unprotect command
■ Data Polling and Toggle Bits
    - Provides a software method of detecting the status of program or erase cycles
■ Unlock Bypass Program command
    - Reduces overall programming time when issuing multiple program command sequences

HARDWARE FEATURES
■ Any combination of sectors can be erased
■ Ready/Busy output (RY/BY )
    - Hardware method for detecting program or erase cycle completion
■ Hardware reset pin (RESET)
    - Hardware method of resetting the internal state machine to reading array data
■ WP /ACC input pin
    - Write protect ( WP ) function allows protection of two outermost boot sectors, regardless of sector protect status
    - Acceleration (ACC) function accelerates program timing
■ Sector protection
    - Hardware method of locking a sector, either in-system or using programming equipment, to prevent any program or erase operation within that sector
    - Temporary Sector Unprotect allows changing data in protected sectors in-system




Similar Part No. - A29DL323

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL323 AMICC-A29DL323 Datasheet
771Kb / 50P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL323TG-120 AMICC-A29DL323TG-120 Datasheet
771Kb / 50P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL323TG-70 AMICC-A29DL323TG-70 Datasheet
771Kb / 50P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL323TG-80 AMICC-A29DL323TG-80 Datasheet
771Kb / 50P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL323TG-90 AMICC-A29DL323TG-90 Datasheet
771Kb / 50P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Similar Description - A29DL323

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL324 AMICC-A29DL324 Datasheet
556Kb / 46P
32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
logo
NEC
UPD23C16000BL NEC-UPD23C16000BL Datasheet
347Kb / 20P
16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C32000AL NEC-UPD23C32000AL Datasheet
259Kb / 20P
32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64000JL NEC-UPD23C64000JL Datasheet
255Kb / 20P
64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD29F064115-X NEC-UPD29F064115-X Datasheet
251Kb / 32P
64M-BIT CMOS LOW-VOLTAGE DUAL OPERATION FLASH MEMORY 4M-WORD BY 16-BIT (WORD MODE) PAGE MODE
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com