Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L160 Datasheet (PDF) - AMIC Technology

A29L160 Datasheet PDF - AMIC Technology
Part # A29L160
Download  A29L160 Download
File Size   556.67 Kbytes
Page   45 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory

A29L160 Datasheet (PDF)

Go To PDF Page Download Datasheet
A29L160 Datasheet PDF - AMIC Technology

Part # A29L160
Download  A29L160 Click to download

File Size   556.67 Kbytes
Page   45 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory

A29L160 Datasheet (HTML) - AMIC Technology


A29L160 Product details

General Description
The A29L160 is a 16Mbit, 3.0 volt-only Flash memory organized as 2,097,152 bytes of 8 bits or 1,048,576 words of 16 bits each. The 8 bits of data appear on I/O0 - I/O7; the 16 bits of data appear on I/O0~I/O15. The A29L160 is offered in 48-ball FBGA, 44-pin SOP and 48-Pin TSOP packages. This device is designed to be programmed in-system with the standard system 3.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29L160 can also be programmed in standard EPROM programmers.

Features
■ Single power supply operation
    - Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications
    - Regulated voltage range: 3.0 to 3.6 volt read and write operations for compatibility with high performance 3.3 volt microprocessors
■ Access times:
    - 70/90/120 (max.)
■ Current:
    - 9 mA typical active read current
    - 20 mA typical program/erase current
    - 200 nA typical CMOS standby
    - 200 nA Automatic Sleep Mode current
■ Flexible sector architecture
    - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX31 sectors
    - 8 Kword/ 4 KwordX2/ 16 Kword/ 32 KwordX31 sectors
    - Any combination of sectors can be erased
    - Supports full chip erase
    - Sector protection: A hardware method of protecting sectors to prevent any inadvertent program or erase operations within that sector. Temporary Sector Unprotect feature allows code changes in previously locked sectors
■ Unlock Bypass Program Command
    - Reduces overall programming time when issuing multiple program command sequence
■ Top or bottom boot block configurations available
■ Embedded Algorithms
    - Embedded Erase algorithm will automatically erase the entire chip or any combination of designated sectors and verify the erased sectors
    - Embedded Program algorithm automatically writes and verifies data at specified addresses
■ Typical 100,000 program/erase cycles per sector
■ 20-year data retention at 125°C
    - Reliable operation for the life of the system
■ CFI (Common Flash Interface) compliant
    - Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices
■ Compatible with JEDEC-standards
    - Pinout and software compatible with single-power-supply Flash memory standard
    - Superior inadvertent write protection
■ Data Polling and toggle bits
    - Provides a software method of detecting completion of program or erase operations
■ Ready / BUSY pin (RY / BY )
    - Provides a hardware method of detecting completion of program or erase operations (not available on 44-pin SOP)
■ Erase Suspend/Erase Resume
    - Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation
■ Hardware reset pin (RESET )
    - Hardware method to reset the device to reading array data
■ Package options
    - 44-pin SOP or 48-pin TSOP (I) or 48-ball TFBGA
    - All Pb-free (Lead-free) products are RoHS compliant




Similar Part No. - A29L160

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L160 AMICC-A29L160 Datasheet
531Kb / 42P
2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160A AMICC-A29L160A Datasheet
572Kb / 42P
2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160AM AMICC-A29L160AM Datasheet
572Kb / 42P
2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160ATG-70 AMICC-A29L160ATG-70 Datasheet
572Kb / 42P
2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160ATG-70F AMICC-A29L160ATG-70F Datasheet
572Kb / 42P
2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
More results


Similar Description - A29L160

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160A AMICC-A29L160A Datasheet
572Kb / 42P
2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L160C AMICC-A29L160C Datasheet
471Kb / 41P
2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com