Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42U0616 Datasheet (PDF) - AMIC Technology

A42U0616 Datasheet PDF - AMIC Technology
Part # A42U0616
Download  A42U0616 Download
File Size   278.54 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE

A42U0616 Datasheet (PDF)

Go To PDF Page Download Datasheet
A42U0616 Datasheet PDF - AMIC Technology

Part # A42U0616
Download  A42U0616 Click to download

File Size   278.54 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE

A42U0616 Datasheet (HTML) - AMIC Technology


A42U0616 Product details

General Description
The A42U0616 is a new generation randomly accessed memory for graphics, organized in a 1,048,576 -word by 16-bit configuration. This product can execute Write and Read operation via CAS pin.
The A42U0616 offers an accelerated Fast Page Mode cycle with a feature called Extended Data Out (EDO).
This allow random access of up to 1024(1K Ref.) words within a row at a 50/40/28 MHz EDO cycle, making the A42U0616 ideally suited for graphics, digital signal processing and high performance computing systems.

Features
■ Organization: 1,048,576 words X 16 bits
■ Part Identification
    - A42U0616 (1K Ref.)
■ Single 2.5V power supply/built-in VBB generator
■ Low power consumption
    - Operating: 120mA (-50 max)
    - Standby: 1mA (TTL), 0.2mA (CMOS), 250µA (Self-refresh current)
■ High speed
    - 50/60/80 ns RAS access time
    - 25/30/40 ns column address access time
    - 13/15/20 ns CAS access time
    - 20/25/35 ns EDO Page Mode Cycle Time
■ Separate CAS (UCAS ,LCAS ) for byte selection
■ Fast Page Mode with Extended Data Out
■ Read-modify-write, RAS -only, CAS -before- RAS , Hidden refresh capability
■ TTL-compatible, three-state I/O
■ JEDEC standard packages
    - 400mil, 42-pin SOJ
    - 400mil, 50/44 TSOP type II package




Similar Part No. - A42U0616

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U2604 AMICC-A42U2604 Datasheet
265Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604 Datasheet
268Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604S AMICC-A42U2604S Datasheet
265Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604S-50 AMICC-A42U2604S-50 Datasheet
265Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604S-60 AMICC-A42U2604S-60 Datasheet
265Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Similar Description - A42U0616

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A420616 AMICC-A420616 Datasheet
272Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com