Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD60NF06 Datasheet (PDF) - STMicroelectronics

STD60NF06 Datasheet PDF - STMicroelectronics
Part # STD60NF06
Download  STD60NF06 Download
File Size   413.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60V - 0.014ohm - 60A - DPAK

STD60NF06 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD60NF06 Datasheet PDF - STMicroelectronics

Part # STD60NF06
Download  STD60NF06 Click to download

File Size   413.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60V - 0.014ohm - 60A - DPAK

STD60NF06 Datasheet (HTML) - STMicroelectronics


STD60NF06 Product details

Description

This Power Mosfet series realized with STMicroelectronics unique STripFET process has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced high efficiency isolated DC-DC converters for Telecom and Computer application. It is also intended for any application with low gate charge drive requirements.



■ Exceptional dv/dt capability

■ Application oriented characterization

■ 100% avalanche tested



Applications

■ Switching application




Similar Part No. - STD60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
logo
SHENZHEN DOINGTER SEMIC...
STD60NF06 DOINGTER-STD60NF06 Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD60NF06T4 STMICROELECTRONICS-STD60NF06T4 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
logo
VBsemi Electronics Co.,...
STD60NF06T4 VBSEMI-STD60NF06T4 Datasheet
989Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - STD60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
May-2000
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
60A, 60V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
60V ,60A N-Channel
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com