Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A615308 Datasheet (PDF) - AMIC Technology

A615308 Datasheet PDF - AMIC Technology
Part # A615308
Download  A615308 Download
File Size   199.68 Kbytes
Page   12 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32K X 8 BIT HIGH SPEED CMOS SRAM

A615308 Datasheet (PDF)

Go To PDF Page Download Datasheet
A615308 Datasheet PDF - AMIC Technology

Part # A615308
Download  A615308 Click to download

File Size   199.68 Kbytes
Page   12 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32K X 8 BIT HIGH SPEED CMOS SRAM

A615308 Datasheet (HTML) - AMIC Technology


A615308 Product details

General Description

The A615308 is a high-speed, low-power 262,144-bit static random access memory organized as 32,768 words by 8 bits and operates on a single 5V power supply. It is built using high performance CMOS process. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.



Features

Single +5V power supply

Access times: 10/12 ns (max.)

Current: Operating: 150mA (max.)

           Standby: 12mA (max.)

Full static operation, no clock or refreshing required

All inputs and outputs are directly TTL compatible

Common I/O using three-state output

Data retention voltage: 2V (min.)

Available in 28-pin SOJ and TSOP packages




Similar Part No. - A615308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results


Similar Description - A615308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
32K X 8 BIT HIGH SPEED CMOS SRAM
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256 LYONTEK-LY61256 Datasheet
169Kb / 13P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
32K X 8 BIT HIGH SPEED CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com