Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6173081 Datasheet (PDF) - AMIC Technology

A6173081 Datasheet PDF - AMIC Technology
Part # A6173081
Download  A6173081 Download
File Size   172.5 Kbytes
Page   12 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 BIT HIGH SPEED CMOS SRAM

A6173081 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6173081 Datasheet PDF - AMIC Technology

Part # A6173081
Download  A6173081 Click to download

File Size   172.5 Kbytes
Page   12 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 BIT HIGH SPEED CMOS SRAM

A6173081 Datasheet (HTML) - AMIC Technology


A6173081 Product details

General Description
The A6173081 is a high-speed 1,048,576-bit static random access memory organized as 131,072 words by 8 bits and operates on a 5V power supply. It is built using high performance CMOS process.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
Minimum standby power is drawn by this device when chip enable is disable, independent of the other input levels.
Data retention is guaranteed at a power supply voltage as low as 3V.

Features
■ Center power pinout
■ Supply voltage: 5V±10%
■ Access times: 12/15 ns (max.)
■ Current: Operating: -12: 170mA (max.)
                                   -15: 165mA (max.)
                 Standby: TTL: 25mA (max.)
                                CMOS: 8mA (max.)
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL compatible
■ Common I/O using three-state output
■ Data retention voltage: 3V (min.)
■ Available in 32-pin 300mil / 400mil SOJ packages




Similar Part No. - A6173081

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S AMICC-A617308S Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-10 AMICC-A617308S-10 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-12 AMICC-A617308S-12 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-15 AMICC-A617308S-15 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Similar Description - A6173081

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024 LYONTEK-LY65W1024_12 Datasheet
391Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com