Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA357 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA357 Datasheet PDF - Texas Instruments
Part # OPA357
Download  OPA357 Download
File Size   1094.87 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown

OPA357 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA357 Datasheet PDF - Texas Instruments

Part # OPA357
Download  OPA357 Click to download

File Size   1094.87 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown

OPA357 Datasheet (HTML) - Texas Instruments


OPA357 Product details

DESCRIPTION
The OPA357 series of high-speed, voltage-feedback
CMOS operational amplifiers are designed for video and
other applications requiring wide bandwidth. They are
unity-gain stable and can drive large output currents.
Differential gain is 0.02% and differential phase is 0.09°.
Quiescent current is only 4.9mA per channel.
The OPA357 series op amps are optimized for operation
on single or dual supplies as low as 2.5V (±1.25V) and up
to 5.5V (±2.75V). Common-mode input range extends
beyond the supplies. The output swing is within 100mV of
the rails, supporting wide dynamic range.
For applications requiring the full 100mA continuous
output current, the single SO-8 PowerPAD version is
available.
The single version (OPA357), comes in the miniature
SOT23-6 and SO-8 PowerPAD packages. The dual
version (OPA2357) is offered in the MSOP-10 package.
The dual version features completely independent
circuitry for lowest crosstalk and freedom from interaction.
All are specified over the extended −40°C to +125°C
temperature range.

FEATURES
 UNITY-GAIN BANDWIDTH: 250MHz
 WIDE BANDWIDTH: 100MHz GBW
 HIGH SLEW RATE: 150V/s
 LOW NOISE: 6.5nV/√Hz
 RAIL-TO-RAIL I/O
 HIGH OUTPUT CURRENT: > 100mA
 EXCELLENT VIDEO PERFORMANCE:
Diff Gain: 0.02%, Diff Phase: 0.09
0.1dB Gain Flatness: 40MHz
 LOW INPUT BIAS CURRENT: 3pA
 QUIESCENT CURRENT: 4.9mA
 THERMAL SHUTDOWN
 SUPPLY RANGE: 2.5V to 5.5V
 SHUTDOWN IQ < 6A
 MicroSIZE AND PowerPAD PACKAGES

APPLICATIONS
 VIDEO PROCESSING
 ULTRASOUND
 OPTICAL NETWORKING, TUNABLE LASERS
 PHOTODIODE TRANSIMPEDANCE AMPS
 ACTIVE FILTERS
 HIGH-SPEED INTEGRATORS
 ANALOG-TO-DIGITAL (A/D) CONVERTER INPUT BUFFERS
 DIGITAL-TO-ANALOG (D/A) CONVERTER OUTPUT AMPLIFIERS
 BARCODE SCANNERS
 COMMUNICATIONS




Similar Part No. - OPA357

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA357 TI1-OPA357 Datasheet
780Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
OPA357 TI2-OPA357 Datasheet
978Kb / 18P
3V Single-Supply 80MHz High-Speed Op Amp in SC70
REVISED FEBRUARY 2005
OPA357 TI2-OPA357 Datasheet
981Kb / 19P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
REVISED JANUARY 2006
More results


Similar Description - OPA357

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA354 TI-OPA354 Datasheet
511Kb / 23P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com