Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A67L8316 Datasheet (PDF) - AMIC Technology

A67L8316 Datasheet PDF - AMIC Technology
Part # A67L8316
Download  A67L8316 Download
File Size   272.84 Kbytes
Page   19 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM

A67L8316 Datasheet (PDF)

Go To PDF Page Download Datasheet
A67L8316 Datasheet PDF - AMIC Technology

Part # A67L8316
Download  A67L8316 Click to download

File Size   272.84 Kbytes
Page   19 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM

A67L8316 Datasheet (HTML) - AMIC Technology


A67L8316 Product details

General Description
The AMIC Direct Bus Alternation™ (DBA™ ) SRAM family employs high-speed, low-power CMOS designs using an advanced CMOS process. The A67L8316, A67L8318, A67L7332, A67L7336 SRAMs integrate a 256K X 16, 256K X 18, 128K X 32 or 128K X 36 SRAM core with advanced synchronous peripheral circuitry and a 2-bit burst counter. These SRAMs are optimized for 100 percent bus utilization without the insertion of any wait cycles during Write Read alternation. The positive edge triggered single clock input (CLK) controls all synchronous inputs passing through the registers.

Features
● Fast access time: 4.0/4.2/4.5/5.0 ns (143,133,117,100MHz)
● Direct Bus Alternation between READ and WRITE cycles allows 100% bus utilization
● Signal +3.3V ±5% power supply
● Individual Byte Write control capability
● Clock enable (CEN) pin to enable clock and suspend operations
● Clock-controlled and registered address, data and control signals
● Registered output for pipelined applications
● Three separate chip enables allow wide range of options for CE control, address pipelining
● Internally self-timed write cycle
● Selectable BURST mode (Linear or Interleaved)
● SLEEP mode (ZZ pin) provided
● Available in 100 pin LQFP package




Similar Part No. - A67L8316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L83161E-10 AMICC-A67L83161E-10 Datasheet
271Kb / 19P
256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L83161E-11 AMICC-A67L83161E-11 Datasheet
271Kb / 19P
256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L83161E-12 AMICC-A67L83161E-12 Datasheet
271Kb / 19P
256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
More results


Similar Description - A67L8316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Integrated Silicon Solu...
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
logo
AMIC Technology
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com