Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8351601 Datasheet (PDF) - AMIC Technology

A8351601 Datasheet PDF - AMIC Technology
Part # A8351601
Download  A8351601 Download
File Size   439.98 Kbytes
Page   44 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description Bar Code Reader

A8351601 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8351601 Datasheet PDF - AMIC Technology

Part # A8351601
Download  A8351601 Click to download

File Size   439.98 Kbytes
Page   44 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description Bar Code Reader

A8351601 Datasheet (HTML) - AMIC Technology


A8351601 Product details

General Description
The AMIC A8351601 is a high-performance 8-bit microcontroller. It is compatible with the industry standard 80C52 microcontroller series.
The A8351601 contains a on chip 256 byte RAM, 64K byte OTP ROM, 8K byte external data SRAM, four 8-bit bidirectional parallel ports, three 16-bit timer/counters, a serial port and six interrupt sources with two priority levels.
The A8351601 has supports 64KB external data memory.

Features
■ 80C32 CPU core
■ Build in 64K byte OTP ROM
■ Build in 8K byte external SRAM (0000H - 1FFFH), can
   be disable by SFR
■ Fully pin compatible with standard 8051 family interface
■ Instruction set compatible with 8051 family
■ Option frequency 4.5V-5.5V:0-40MHz, 2.7V-3.3V:0-16MHz
■ Power saving operation:
   Idle is compatible with 8051 family
   Power down can be wake up by external interrupt
■ Port0~Port3 with internal pull-up
■ Four channel PWM output for PLCC & QFP package
■ Capture function with T2EX reversed mode
■ Operation temperature: -10°C~70°C
■ ESD > 3KV
■ Double frequency selected by SFR




Similar Part No. - A8351601

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
8 Bit Microcontroller
More results


Similar Description - A8351601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
Industrial Digital Bar Code Slot Reader
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
Hewlett-Packard SmartWand Bar Code Reader
logo
Festo Corporation.
2930232 FESTO-2930232 Datasheet
84Kb / 2P
Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
Code Reader
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com