Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024D Datasheet (PDF) - AMIC Technology

LP621024D Datasheet PDF - AMIC Technology
Part # LP621024D
Download  LP621024D Download
File Size   183.97 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 BIT CMOS SRAM

LP621024D Datasheet (PDF)

Go To PDF Page Download Datasheet
LP621024D Datasheet PDF - AMIC Technology

Part # LP621024D
Download  LP621024D Click to download

File Size   183.97 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 BIT CMOS SRAM

LP621024D Datasheet (HTML) - AMIC Technology


LP621024D Product details

General Description

The LP621024D  is a low operating current 1,048,576-bit static random access memory organized as 131,072 words by 8 bits and operates on a single 5V power supply.

Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.

Two chip enable inputs are provided for POWER-DOWN and device enable and an output enable input is included for easy interfacing.

Data retention is guaranteed at a power supply voltage as low as 2V.



Features

Single +5V power supply

Access times: 55/70 ns (max.)

Current:

  Very low power version:  Operating:  70mA   (max.)

                                   Standby:  25mA  (max.)

Full static operation, no clock or refreshing required

All inputs and outputs are directly TTL-compatible

Common I/O using three-state output

Output enable and two chip enable inputs for easy application

Data retention voltage: 2V (min.)

Available in 32-pin DIP, SOP TSOP and TSSOP (8 X 13.4mm) packages




Similar Part No. - LP621024D

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP621024D-55LLI AMICC-LP621024D-55LLI Datasheet
192Kb / 17P
128K X 8 BIT CMOS SRAM
LP621024D-55LLT AMICC-LP621024D-55LLT Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-70LLI AMICC-LP621024D-70LLI Datasheet
192Kb / 17P
128K X 8 BIT CMOS SRAM
LP621024D-70LLT AMICC-LP621024D-70LLT Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
128K X 8 BIT CMOS SRAM
More results


Similar Description - LP621024D

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
128K X 8 BIT HIGH SPEED CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I_15 Datasheet
180Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024E AMICC-LP621024E Datasheet
173Kb / 15P
128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
128K X 8 BIT CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com