Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62E16512-I Datasheet (PDF) - AMIC Technology

LP62E16512-I Datasheet PDF - AMIC Technology
Part # LP62E16512-I
Download  LP62E16512-I Download
File Size   147.15 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 BIT LOW VOLTAGE CMOS SRAM

LP62E16512-I Datasheet (PDF)

Go To PDF Page Download Datasheet
LP62E16512-I Datasheet PDF - AMIC Technology

Part # LP62E16512-I
Download  LP62E16512-I Click to download

File Size   147.15 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 BIT LOW VOLTAGE CMOS SRAM

LP62E16512-I Datasheet (HTML) - AMIC Technology


LP62E16512-I Product details

General Description
The LP62E16512-I is a low operating current 8,388,608- bit static random access memory organized as 524,288 words by 16 bits and operates on low power voltage from 1.65V to 2.2V. It is built using AMICs high performance CMOS process.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
Two chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage as low as 1.2V.

Features
■ Operating voltage: 1.65V to 2.2V
■ Access times: 70 ns (max.)
■ Current:
    Very low power version: Operating: 40mA (max.)
                                           Standby: 10mA (max.)
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Data retention voltage: 1.2V (min.)
■ Available in 48-ball CSP (8×10mm) packages




Similar Part No. - LP62E16512-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62E16512-I AMICC-LP62E16512-I_15 Datasheet
203Kb / 14P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - LP62E16512-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62E16512-T AMICC-LP62E16512-T Datasheet
147Kb / 14P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-I AMICC-LP62S16512-I Datasheet
150Kb / 14P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T Datasheet
150Kb / 14P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
LP62E16512-I AMICC-LP62E16512-I_15 Datasheet
203Kb / 14P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-T AMICC-LP62E16512-T_15 Datasheet
205Kb / 14P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-I AMICC-LP62S16512-I_15 Datasheet
204Kb / 14P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T_15 Datasheet
196Kb / 13P
512K X 16 BIT LOW VOLTAGE CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com